Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301S43W474ZV4U Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # 301S43W474ZV4U
Description  TIP & RING CHIP CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

301S43W474ZV4U Datasheet(HTML) 3 Page - Johanson Technology Inc.

  301S43W474ZV4U Datasheet HTML 1Page - Johanson Technology Inc. 301S43W474ZV4U Datasheet HTML 2Page - Johanson Technology Inc. 301S43W474ZV4U Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.johanson dielectrics.com
X7R DIELECTRIC CHARACTERISTICS
X7R CAP. VS TEMPERATURE
TEMPERATURE COEFFICIENT:
± 15%, -55 to +125°C
DISSIPATION FACTOR:
For ≥50 Volts:
2.5% max
For 25 Volts:
3.0% max
For 16 Volts:
3.5% max
AGING:
2.5% / decade hour
INSULATION RESISTANCE:
1000 ΩF or 100 GΩ,whichever is less @ 25°C, WVDC
(500 ΩF or 10 GΩ for Tanceram® capacitors)
125°C IR is 10% of 25°C rating.
DIELECTRIC STRENGTH:
2.5 X rated voltages of 6 to 200 VDC
2.0 X rated voltages of 201 to 499 VDC
1.5 X rated voltages of 500 to 999 VDC
1.2 X rated voltages of 1000 VDC or higher.
TEST PARAMETERS:
1kHz ±50Hz, 1.0±0.2 VRMS, 25°C
-55 C
-25 C0 C25 C50 C75 C
100 C
125 C
-80%
-60%
-40%
-20%
0%
20%
TIP & RING CHIP CAPACITORS
Johanson Dielectrics, Inc. reserves the right to make design and price changes without notice. All sales
are subject to the terms and conditions printed on the back side of our sales order acknowledgment forms,
including a limited warranty and remedies for non-conforming goods or defective goods. We will be
pleased to provide a copy of these terms and conditions for your review.


Similar Part No. - 301S43W474ZV4U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
301S43W474ZV4U ETC2-301S43W474ZV4U Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
More results

Similar Description - 301S43W474ZV4U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
LD05-20 AVX-LD05-20 Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
logo
Agere Systems
L7582 AGERE-L7582 Datasheet
331Kb / 16P
   Tip Ring Access Switch
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com