Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100X44N103MV4T Datasheet(PDF) 5 Page - Johanson Technology Inc.

Part # 100X44N103MV4T
Description  X2Y짰 FILTER & DECOUPLING CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

100X44N103MV4T Datasheet(HTML) 5 Page - Johanson Technology Inc.

  100X44N103MV4T Datasheet HTML 1Page - Johanson Technology Inc. 100X44N103MV4T Datasheet HTML 2Page - Johanson Technology Inc. 100X44N103MV4T Datasheet HTML 3Page - Johanson Technology Inc. 100X44N103MV4T Datasheet HTML 4Page - Johanson Technology Inc. 100X44N103MV4T Datasheet HTML 5Page - Johanson Technology Inc. 100X44N103MV4T Datasheet HTML 6Page - Johanson Technology Inc. 100X44N103MV4T Datasheet HTML 7Page - Johanson Technology Inc. 100X44N103MV4T Datasheet HTML 8Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.johanson dielectrics.com
X2Y High Performance Power Bypass - Improve Performance, Reduce Space & Vias
Actual measured performance of two high performance SerDes FPGA designs demonstrate how a 13 component X2Y bypass network significantly out
performs a 38 component MLC network. For more information see http://johansondielectrics.com/pdfs/JDI_X2Y_STXII.pdf
Common Mode Choke Replacement
In this example, a 5 µH common mode choke is replaced by an 0805, 1000pF
X2Y® component acheiving superior EMI filtering by a component a fraction
of the size and cost.
DC Motor EMI Reduction: A Superior Solution
One X2Y® component has successfully replaced 7 discrete filter components
while achieving superior EMI filtering.
Common Mode Choke
9.0 x 6.0 x 5.0 mm
X2Y®
2.0 x 1.3 x 1.0 mm
No Filter
CMC 5uH
X2Y® 1000pF
Ambient
X2Y® FILTER & DECOUPLING CAPACITORS
Eliminating Capacitor Anti-Resonance Issue
A common design practice is to parallel decade capacitance values to extend
the high frequency performance of the filter network. This causes an unintende
and often over-looked effect of anti-resonant peaks in the filter networks
combined impedance. X2Y’s very low mounted inductance allows designers
to use a single, higher value part and completely avoid the anti-resonance
problem. The impedance graph on right shows the combined mounted
impedance of a 1nF, 10nF & 100nF 0402 MLC in parrallel in RED. The MLC
networks anti-resonance peaks are nearly 10 times the desired impedance. A
100nF and 47nF X2Y are plotted in BLUE and GREEN. (The total capacitance of
X2Y (Circuit 2) is twice the value, or 200nF and 98nF in this example.) The sigle
X2Y is clearly superior to the three paralleled MLCs.


Similar Part No. - 100X44N103MV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100X44N102DF4E JOHANSON-100X44N102DF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X44N102DV4E JOHANSON-100X44N102DV4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X44N102MF4E JOHANSON-100X44N102MF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X44N102MV4E JOHANSON-100X44N102MV4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X44N104DF4E JOHANSON-100X44N104DF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
More results

Similar Description - 100X44N103MV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W223MV4E JOHANSON-101X18W223MV4E Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X14W102MV4T JOHANSON-101X14W102MV4T Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TWK105BJ104MP-F TAIYO-YUDEN-TWK105BJ104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
PWK107C6106MV-T TAIYO-YUDEN-PWK107C6106MV-T Datasheet
451Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC??
EWK107B7474MV-T TAIYO-YUDEN-EWK107B7474MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK107BJ474MV-T TAIYO-YUDEN-EWK107BJ474MV-T Datasheet
433Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK105C6104MP-F TAIYO-YUDEN-EWK105C6104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107B7104MV-T TAIYO-YUDEN-TWK107B7104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107BJ104MV-T TAIYO-YUDEN-TWK107BJ104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com