Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M240Z Datasheet(PDF) 3 Page - Altera Corporation

Part # 5M240Z
Description  DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M240Z Datasheet(HTML) 3 Page - Altera Corporation

  5M240Z Datasheet HTML 1Page - Altera Corporation 5M240Z Datasheet HTML 2Page - Altera Corporation 5M240Z Datasheet HTML 3Page - Altera Corporation 5M240Z Datasheet HTML 4Page - Altera Corporation 5M240Z Datasheet HTML 5Page - Altera Corporation 5M240Z Datasheet HTML 6Page - Altera Corporation 5M240Z Datasheet HTML 7Page - Altera Corporation 5M240Z Datasheet HTML 8Page - Altera Corporation 5M240Z Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Chapter 3: DC and Switching Characteristics for MAX V Devices
3–3
Operating Conditions
May 2011
Altera Corporation
MAX V Device Handbook
Programming/Erasure Specifications
Table 3–3 lists the programming/erasure specifications for the MAX V device family.
DC Electrical Characteristics
Table 3–4 lists DC electrical characteristics for the MAX V device family.
Table 3–3. Programming/Erasure Specifications for MAX V Devices
Parameter
Block
Minimum
Typical
Maximum
Unit
Erase and reprogram cycles
UFM
1000 (1)
Cycles
Configuration flash memory (CFM)
100
Cycles
Note to Table 3–3:
(1) This value applies to the commercial grade devices. For the industrial grade devices, the value is 100 cycles.
Table 3–4. DC Electrical Characteristics for MAX V Devices (Note 1) (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
II
Input pin leakage current VI = VCCIO max to 0 V (2)
–10
10
µA
IOZ
Tri-stated I/O pin leakage
current
VO = VCCIO max to 0 V (2)
–10
10
µA
ICCSTANDBY
VCCINT supply current
(standby) (3)
5M40Z, 5M80Z, 5M160Z, and
5M240Z (Commercial grade)
(4), (5)
—25
90
µA
5M240Z (Commercial grade)
(6)
—27
96
µA
5M40Z, 5M80Z, 5M160Z, and
5M240Z (Industrial grade)
(5), (7)
25
139
µA
5M240Z (Industrial grade) (6)
27
152
µA
5M570Z (Commercial grade)
(4)
—27
96
µA
5M570Z (Industrial grade) (7)
27
152
µA
5M1270Z and 5M2210Z
2
mA
VSCHMITT (8)
Hysteresis for Schmitt
trigger input (9)
VCCIO = 3.3 V
400
mV
VCCIO = 2.5 V
190
mV
ICCPOWERUP
VCCINT supply current
during power-up (10)
MAX V devices
40
mA
RPULLUP
Value of I/O pin pull-up
resistor during user
mode and ISP
VCCIO = 3.3 V (11)
5—
25
k
VCCIO = 2.5 V (11)
10
40
k
VCCIO = 1.8 V (11)
25
60
k
VCCIO = 1.5 V (11)
45
95
k
VCCIO = 1.2 V (11)
80
130
k


Similar Part No. - 5M240Z

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZE64A5N ALTERA-5M240ZE64A5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M240ZE64C5N ALTERA-5M240ZE64C5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M240ZE64I4N ALTERA-5M240ZE64I4N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M240ZE64I5N ALTERA-5M240ZE64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M240ZF64A4N ALTERA-5M240ZF64A4N Datasheet
3Mb / 166P
   MAX V Device Handbook
More results

Similar Description - 5M240Z

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C4N ALTERA-5M160ZE64C4N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZT100C5N ALTERA-5M160ZT100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com