Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRC207500K680MB Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PRC207500K680MB
Description  AC TERMINATION NETWORK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRC207500K680MB Datasheet(HTML) 1 Page - California Micro Devices Corp

  PRC207500K680MB Datasheet HTML 1Page - California Micro Devices Corp PRC207500K680MB Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
7/18/2000
1
PRC202/212
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
AC Termination Network
Features
• Stable resistor-capacitor network
• No signal delays
• 18 terminating lines/package
• Saves board space and component cost
Product Description
CAMD’s PRC202/212 Integrated Resistor-Capacitor
Termination Network is designed to eliminate transmis-
sion line effects on high speed data lines. This thin film
network can support (terminate) 18 data lines, and
requires no DC power. The small surface mount pack-
ages improve board yields and reliability, minimize
space and routing problems on the board, and reduce
assembly costs. The PRC202/212 is a space efficient
and cost effective replacement for conventional MLCC
surface mount chip resistors and capacitors.
Why thin film RC networks? A terminating RC is used to
reduce or eliminate reflections on a transmission line. It
can perform this function only when its impedance value
Applications
• AC Terminator
• Low Pass Filter
• Power Supply Filtering
C1180600
SCHEMATIC CONFIGURATION
matches the characteristic impedance of the transmis-
sion line.
Passive components affect the electrical performance of
electronic systems. In reality, every resistor has some
parasitic series inductance and a parasitic capacitance;
and every capacitor has both series resistance and
inductance. At low speeds, these parasitics do not affect
the performance of resistors and capacitors. However, at
higher speeds, these parasitics cause mismatch in a
termination. To prevent these problems in high speed
digital designs, a designer must take special care in
selecting passive components or networks.
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
C
Rs
n
i
Pe
l
y
t
Sg
a
Bl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
1
13
3
2
-
T
O
SB
/
M
0
7
4
/
K
0
3
3
7
0
2
C
R
PR
/
M
0
7
4
/
K
0
3
3
7
0
2
C
R
P1
1
C
R
2
13
3
2
-
T
O
SB
/
M
0
7
4
/
K
0
7
4
7
0
2
C
R
PR
/
M
0
7
4
/
K
0
7
4
7
0
2
C
R
P2
1
C
R
3
13
3
2
-
T
O
SB
/
M
0
3
3
/
K
0
7
4
7
0
2
C
R
PR
/
M
0
3
3
/
K
0
7
4
7
0
2
C
R
P3
1
C
R
4
13
3
2
-
T
O
SB
/
M
0
8
6
/
K
0
0
5
7
0
2
C
R
PR
/
M
0
8
6
/
K
0
0
5
7
0
2
C
R
P4
1
C
R
5
13
3
2
-
T
O
SB
/
M
0
0
5
/
K
0
5
7
7
0
2
C
R
PR
/
M
0
0
5
/
K
0
5
7
7
0
2
C
R
P5
1
C
R
6
13
3
2
-
T
O
SB
/
M
1
0
1
/
K
1
0
1
7
0
2
C
R
PR
/
M
1
0
1
/
K
1
0
1
7
0
2
C
R
P6
1
C
R
7
13
3
2
-
T
O
SB
/
M
1
8
1
/
K
0
0
5
7
0
2
C
R
PR
/
M
1
8
1
/
K
0
0
5
7
0
2
C
R
P7
1
C
R
8
13
3
2
-
T
O
SB
/
M
0
0
5
/
K
0
0
4
7
0
2
C
R
PR
/
M
0
0
5
/
K
0
0
4
7
0
2
C
R
P8
1
C
R
20
19
18
17
16
15
14
13
12
11
14
23
5
6
7
8
9
10


Similar Part No. - PRC207500K680MB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC207560J/680K CALMIRCO-PRC207560J/680K Datasheet
30Kb / 2P
   CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
PRC207560J/680M CALMIRCO-PRC207560J/680M Datasheet
30Kb / 2P
   CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
PRC207560K/680K CALMIRCO-PRC207560K/680K Datasheet
30Kb / 2P
   CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
PRC207560K/680M CALMIRCO-PRC207560K/680M Datasheet
30Kb / 2P
   CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
PRC207560M/680K CALMIRCO-PRC207560M/680K Datasheet
30Kb / 2P
   CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
More results

Similar Description - PRC207500K680MB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
   P/ACTIVE AC TERMINATION NETWORK
logo
IRC - a TT electronics ...
GUS-QS20P-330-K-470-K IRCTT-GUS-QS20P-330-K-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
DNR-QDN001 IRCTT-DNR-QDN001 Datasheet
382Kb / 2P
   Schottky Diode Termination Network
logo
California Micro Device...
PRN100 CALMIRCO-PRN100 Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
PRN102 CALMIRCO-PRN102 Datasheet
43Kb / 2P
   DUAL THEVENIN TERMINATION NETWORK
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
   HIGH PERFORMANCE BUS TERMINATION NETWORK
PACVGA-100 CALMIRCO-PACVGA-100 Datasheet
233Kb / 2P
   VGA PROTECTION AND TERMINATION NETWORK
logo
STMicroelectronics
RCD16-47B STMICROELECTRONICS-RCD16-47B Datasheet
66Kb / 7P
   RCD NETWORK FOR BUS TERMINATION
October 1998 - Ed : 2A
logo
IRC - a TT electronics ...
CHC-SCSI IRCTT-CHC-SCSI Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
logo
California Micro Device...
PACV35 CALMIRCO-PACV35 Datasheet
88Kb / 1P
   P/ACTIVE V.35 TERMINATION NETWORK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com