Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVPAEBB2A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVPAEBB2A
Description  4.5 mm2.2 mm Side-operational Edge Mount Light Touch Switch es
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAEBB2A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVPAEBB2A Datasheet HTML 1Page - Panasonic Semiconductor EVPAEBB2A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Light Touch Switches/EVPAE
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES108 –
1
E
2
V
3
P
4
5
6
7
8
9
AE
Product Code
Type
Height
Features
External dimensions : 4.5 mm 2.25 mm (Excluding
the push plate), Height 2.9 mm (Printed circuit board
being as low as 0.95 mm)
Improved soldering strength in the operating direction
Long operational life
Measure against electro static discharge(ESD)
Specifications
Recommended Applications
Operation switches for portable electronic equipment
(Mobile phones, Digital still cameras, Camcorders
Portable audio players, etc.)
Explanation of Part Numbers
4.5 mm 2.2 mm Side-operational Edge Mount
Light Touch Switches
Type:
EVPAE
Type
Snap action / Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
1000 m
max.
Insulation Resistance
100 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac (1 minute)
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
1.6 N, 3.0 N
Push Travel
0.15 mm
Push Strength
50 N (1 minute)
EnduranceOperating Life
200000 cycles min.
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
3500 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
17500 pcs.
Oct. 2012
00


Similar Part No. - EVPAEBB2A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA002K PANASONIC-EVPAA002K Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVPAA002K PANASONIC-EVPAA002K Datasheet
79Kb / 3P
   External dimensions 3.5 mm2.9 mm, Height 1.7 mm
EVPAA102K PANASONIC-EVPAA102K Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVPAA102K PANASONIC-EVPAA102K Datasheet
79Kb / 3P
   External dimensions 3.5 mm2.9 mm, Height 1.7 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com