Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-150TK Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTW-150TK
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-150TK Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW-150TK_14 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-150TK_14 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTW-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
150TK
260.0
mcd
IF = 20mA
Note 1, 2, 5
Viewing Angle
2θ1/2
150TK
130
deg
Fig.6
x
0.25
Chromaticity Coordinates
y
150TK
0.22
IF = 20mA
Note 3, 5
Fig.1
Forward Voltage
VF
150TK
2.8
3.2
3.8
V
IF = 20mA
Reverse Current
IR
150TK
10
µA
VR = 5V
Note : 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. Iv classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. Tester
PR704 is for the chromaticity coordinates (x, y).
EG&G is for Iv
6. The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.
Part
No. : LTW-150TK
Page :
3
of
12
BNS-OD-C131/A4


Similar Part No. - LTW-150TK_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-150TK LITEON-LTW-150TK Datasheet
684Kb / 11P
   Property of Lite-On Only
logo
HK TO-GRACE TECHNOLOGY ...
LTW-150TK TO-GRACE-LTW-150TK Datasheet
1Mb / 12P
   Meet RoHS, Green Product.
logo
Lite-On Technology Corp...
LTW-150TK LITEON-LTW-150TK Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
More results

Similar Description - LTW-150TK_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com