Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQ2660-9R Datasheet(PDF) 3 Page - Power-One

Part # EQ2660-9R
Description  Q Series Data Sheet 66 ??132 Watt DC-DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

EQ2660-9R Datasheet(HTML) 3 Page - Power-One

  EQ2660-9R Datasheet HTML 1Page - Power-One EQ2660-9R Datasheet HTML 2Page - Power-One EQ2660-9R Datasheet HTML 3Page - Power-One EQ2660-9R Datasheet HTML 4Page - Power-One EQ2660-9R Datasheet HTML 5Page - Power-One EQ2660-9R Datasheet HTML 6Page - Power-One EQ2660-9R Datasheet HTML 7Page - Power-One EQ2660-9R Datasheet HTML 8Page - Power-One EQ2660-9R Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
®
Q Series Data Sheet
66 – 132 Watt DC-DC Converters
BCD20011- G Rev AG, 12-Mar-2012
Page 3 of 26
www.power-one.com
C Q 2 5 40 -9 R B1 G
Part Number Description
Input voltage range Vi:
14.4 – 36 V ....................................................... B
21.6 – 54 V ....................................................... G
33.6 – 75 V ........................................................ C
38.4 – 75 V ..................................................... 48
43 – 108 V ......................................................... D
65 – 150 V ......................................................... E
Series ................................................................................... Q
Number of outputs:
Single-output models ......................................... 1
Double-output models ........................................ 2
Single-output models (long case) 2 ................... 6
Double-output models (long case) 2 ................. 7
Single-output models:
Nominal output voltage (main output):
3.3 V ................................................................... 1
5.1 V ................................................................... 0
12 V .................................................................... 3
15 V .................................................................... 5
24 V ................................................................ 6, 7
Other voltages ............................................ 7, 8, 9
Other specifications or additional
features for single-output models 3 .... 01 – 99
Double-output models:
Nominal voltage of 2nd output Vo2 nom
5.1 V ........................................................ 01 – 09
12 V ......................................................... 20 – 39
15 V ......................................................... 40 – 59
24 V ......................................................... 60 – 79
Other voltages or additional
features 3 .................................................................. 01 – 99
Operational ambient temperature range TA:
–10 to 50 °C ...................................................... -2
–25 to 71 °C (option, NFND) ............................ -7
–40 to 71 °C ...................................................... -9
other ....................................................... -0, -5, -6
Output voltage control input (auxiliary function) 1 ................. R
Potentiometer (option, NFND) 1 ........................................... P
Additional heatsinks ..................................................... B , B1
RoHS compliant for all six substances ............................ G3
1 Option P excludes feature R and vice versa.
2 Models with 220 mm case length. Just add 5000 to the standard model number.
3 Customer-specific models.
Note: The sequence of options must follow the order above.
Preferred for new designs.
Example:
CQ2540-9B1G: DC-DC converter, input voltage
range 33.6 to 75 V, double-output model, each
output providing 15 V/ 3.3 A, equipped with a heat
sink, operating ambient temperature TA = – 40 to
71 °C, RoHS-compliant for all six substances.
Note: All models have the following auxiliary functions, which are
not shown in the type designation: input and output filter, inhibit,
sense lines, current sharing, Out OK signal, LED indicators, and
test sockets (not 48Q models).
Note: 48Q models are designed according to Telecom standards
ETS 300132-2 and EN 41003. Vi min is 38.4 V such limiting the
input current I i to 150% of I i nom.


Similar Part No. - EQ2660-9R

ManufacturerPart #DatasheetDescription
logo
Power-One
EQ2660-7R POWER-ONE-EQ2660-7R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
More results

Similar Description - EQ2660-9R

ManufacturerPart #DatasheetDescription
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com