Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1023S-25 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1023S-25
Description  8-Bit Programmable Timing Element
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1023S-25 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1023S-25 Datasheet HTML 5Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 6Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 7Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 8Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 9Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 10Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 11Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 12Page - Dallas Semiconductor DS1023S-25 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS1023
9 of 16
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin
-1.0V to +7.0V
Operating Temperature Range
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5
5.25
V
High Level Input Voltage
VIH
2
VCC +0.5
V
Low Level Input Voltage
VIL
-0.5
0.8
V
Input Leakage Current
(0<VI <VCC )
II
-1
+1
µA
Active Current
ICC
30
60
mA
High Level Output Current
(VCC = Min, VOH = 2.7V)
IOH
-1
mA
Low Level Output Current
(VCC = Min, VOL = 0.5V)
-Q output
-
All other outputs
IOL
IOL
4
8
mA
mA
AC ELECTRICAL CHARACTERISTICS - CONTROL/INTERFACE
SPECIFICATIONS ALL SPEED OPTIONS
(TA= 0
°C to 70°C; VCC= 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Serial Clock Frequency
fCLK
10
MHz
Input Pulse Width (LE, CLK)
tW
50
ns
Data Setup to Clock
tDSC
30
ns
Data Hold from Clock
tDHC
0
ns
Data Setup to Enable
tDSE
30
ns
Data Hold from Enable
tDHE
0
ns
Enable Setup to Clock
tES
0
ns
Enable Hold from Clock
tEH
30
ns
LE to Q Valid
tEQV
50
ns
LE to Q Hi-Z
tEQZ
0
50
ns
CLK to Q Valid
tCQV
50
ns
CLK to Q Invalid
tCQX
0
ns
Parallel Input to Delay Valid
tPDV
500
ns
Parallel Input to Delay Invalid
tPDX
0
ns
LE to Delay Valid
tEDV
500
ns
LE to Delay Invalid
tEDX
0
ns
Power Up Time
tPU
100
ms


Similar Part No. - DS1023S-25

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023S-200 DALLAS-DS1023S-200 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
More results

Similar Description - DS1023S-25

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
DS1124 MAXIM-DS1124 Datasheet
142Kb / 9P
   5.0V 8-Bit Programmable Timing Element
Rev 0; 7/07
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124_09 Datasheet
148Kb / 10P
   5.0V 8-Bit Programmable Timing Element
Rev 1; 4/09
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com