Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SICDS100V6 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SICDS100V6
Description  Hall effect measuring principle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SICDS100V6 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SICDS100V6_13 Datasheet HTML 1Page - SEC Electronics Inc. SICDS100V6_13 Datasheet HTML 2Page - SEC Electronics Inc. SICDS100V6_13 Datasheet HTML 3Page - SEC Electronics Inc. SICDS100V6_13 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SICDS100V6
Current Sensors
2
V2.00
May 1, 2012
Parameters Table
PARAMETERS
SYMBOL
UNIT
VALUE
CONDITIONS
Electrical data
Supply voltage(±5%)
VC
V
±12…15
Current consumption
IC
mA
10(@±15)+Is
Secondary nominal r.m.s.
current
ISN
mA
50
@IPN
Conversion ratio
KN
1:2000
Accuracy - Dynamic performance data
Linearity
ε
L
%
<±0.15
Accuracy
XG
%
<±0.45
@ IPN , VC = ±15V, TA = 25°C
<±0.70
@ IPN , VC = ±12…15V,
TA = 25°C
Offset current
IO
mA
<±0.10
@ IP = 0,TA = 25°C
Thermal drift of Io
IOT
mA
Typ
Max
±0.05
±0.30
@ IP = 0,-25°C~+85°C
±0.10
±0.50
@ IP = 0,-40°C~-25°C
Response time
tr
µS
<1
@ 90% of IPN step
di/dt accurately followed
di/dt
A/µS
>200
Frequency bandwidth (1)
BW
kHz
DC~200
@-1dB
General data
Ambient operating temperature
TA
-40 ~ +85
Ambient storage temperature
TS
-40 ~ +90
Secondary coil resistance
Rs
120
@ TA = 70°C
Isolation characteristics
R. m. s voltage for AC isolation
test
Vd
KV
2.5
@50Hz, 1 min
Impulse withstand voltage
1.2/50us
Vw
KV
4.5
Creepage distance
dCp
mm
5
Clearance distance
dCI
mm
5
Comparative Tracking Index
CTI
175
Group IIIa
Notes:
1)
DC can be measured 100A, and AC for 80A.
2)
Please refer to derating curves in the technical file to avoid excessive core heating at high
frequency.


Similar Part No. - SICDS100V6_13

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SICDS100V6 SECELECTRONICS-SICDS100V6 Datasheet
220Kb / 4P
   Current Sensors
More results

Similar Description - SICDS100V6_13

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SICDS50V6 SECELECTRONICS-SICDS50V6_13 Datasheet
225Kb / 4P
   Hall effect measuring principle
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
   Hall effect Switch
logo
Grayhill, Inc
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
   Hall Effect Joystick
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
   Hall Effect Switch
Rev.1.0
logo
Rohm
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
   Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
   Hall effect Switch
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
   Hall effect Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com