Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A4928 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q65111A4928
Description  GW P9LRS1.EM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4928 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q65111A4928 Datasheet HTML 2Page - OSRAM GmbH Q65111A4928 Datasheet HTML 3Page - OSRAM GmbH Q65111A4928 Datasheet HTML 4Page - OSRAM GmbH Q65111A4928 Datasheet HTML 5Page - OSRAM GmbH Q65111A4928 Datasheet HTML 6Page - OSRAM GmbH Q65111A4928 Datasheet HTML 7Page - OSRAM GmbH Q65111A4928 Datasheet HTML 8Page - OSRAM GmbH Q65111A4928 Datasheet HTML 9Page - OSRAM GmbH Q65111A4928 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2013-11-15
6
Version 1.0
GW P9LRS1.EM
Chromaticity Coordinate Groups (IF = 200 mA, extrapolated to TJ = 100 °C) 7)page22, 6)page22
Farbortgruppen 7) Seite 22 , 6) Seite 22
2700 K
3000
K
3500
K
4000
K
4500
K
5000
K
5700
K
6500
K
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
27S3
27S5
30S3
30S5
35S3
35S5
40S3
45S3
50S3
57S3
65S3
40S5
50S5
45S5
57S5
65S5


Similar Part No. - Q65111A4928

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65111A4941 AMSCO-Q65111A4941 Datasheet
760Kb / 17P
   TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
logo
OSRAM GmbH
Q65111A4973 OSRAM-Q65111A4973 Datasheet
668Kb / 19P
   Shop lighting
Q65111A4974 OSRAM-Q65111A4974 Datasheet
668Kb / 19P
   Shop lighting
Q65111A4975 OSRAM-Q65111A4975 Datasheet
668Kb / 19P
   Shop lighting
Q65111A4976 OSRAM-Q65111A4976 Datasheet
668Kb / 19P
   Shop lighting
More results

Similar Description - Q65111A4928

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4837 OSRAM-Q65111A4837 Datasheet
656Kb / 23P
   GW P9LMS1.EM
logo
List of Unclassifed Man...
TMB ETC-TMB Datasheet
136Kb / 1P
   EM Brake
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
VBE ETC2-VBE Datasheet
107Kb / 1P
   EM Brake
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com