Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K243-A-T1-14 Datasheet(PDF) 3 Page - Vincotech

Part # V23990-K243-A-T1-14
Description  2nd Gen. PIM Size 3, 600V / 100A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K243-A-T1-14 Datasheet(HTML) 3 Page - Vincotech

  V23990-K243-A-T1-14 Datasheet HTML 1Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 2Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 3Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 4Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 5Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 6Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 7Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 8Page - Vincotech V23990-K243-A-T1-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
V23990-K243-A-PM
target datasheet
MiniSKiiP 2nd Gen. PIM Size 3, 600V / 100A
V23990-K243-A-00-14
Characteristic values
Description
Symbol Conditions
Unit
T(C°)
Other conditions
VGE(V)
VR(V)
VCE(V)
IC(A)
IF(A)
(Rgon-Rgoff)
VGS(V)
VDS(V)
Id(A)
Min
Typ
Max
Input Rectifier Bridge
Gleichrichter
Forward voltage
VF
Tj=25°C
35
0,8
1,02
1,35
V
Durchlaßpannung
Tj=125°C
0,94
Threshold voltage (for power loss calc. only)
Vto
Tj=25°C
0,88
V
Schleusenspannung
Tj=125°C
35
0,75
Slope resistance (for power loss calc. only)
rt
Tj=25°C
0,004
Ohm
Ersatzwiderstand
Tj=125°C
35
0,006
Reverse current
Ir
Tj=25°C
1500
0
0,1
mA
Sperrstrom
Tj=140±10°C
1500
0
2
Thermal resistance chip to heatsink per chip
Wärmewiderstand Chip-Kühlkörper pro Chip
RthJH
Thermal grease
thickness”50um
1,14
K/W
Thermal resistance chip to case per chip
Wärmewiderstand Chip-Gehause pro Chip
RthJC
Warmeleitpaste
Dicke”50um
= 0,61 W/mK
0,75
K/W
Transistor Inverter
Transistor Wechselrichter
Gate emitter threshold voltage
VGE(th)
Tj=25°C
VCE=VGE
0,002
4
5,8
8
V
Gate-Schwellenspannung
Tj=125°C
Collector-emitter saturation voltage
VCE(sat)
Tj=25°C
100
1,3
1,5
2,15
V
Kollektor-Emitter Sättigungsspannung
Tj=125°C
1,65
Collector-emitter cut-off current incl. Diode
ICES
Tj=25°C
0
600
0,75
mA
Kollektor-Emitter Reststrom
Tj=125°C
Gate-emitter leakage current
IGES
Tj=25°C
20
0
900
nA
Gate-Emitter Reststrom
Tj=125°C
Integrated Gate resistor
Rgint
-
Ohm
Integrirter Gate Widerstand
Turn-on delay time
td(on)
Tj=25°C
Rgoff= 6 Ohm
ns
Einschaltverzögerungszeit
Tj=125°C
Rgon= 6 Ohm
±15
300
100
75
Rise time
tr
Tj=25°C
Rgoff= 6 Ohm
ns
Anstiegszeit
Tj=125°C
Rgon= 6 Ohm
±15
300
100
28
Turn-off delay time
td(off)
Tj=25°C
Rgoff= 6 Ohm
ns
Abschaltverzögerungszeit
Tj=125°C
Rgon= 6 Ohm
±15
300
100
260
Fall time
tf
Tj=25°C
Rgoff= 6 Ohm
ns
Fallzeit
Tj=125°C
Rgon= 6 Ohm
±15
300
100
75
Turn-on energy loss per pulse
Eon
Tj=25°C
Rgoff= 6 Ohm
mWs
Einschaltverlustenergie pro Puls
Tj=125°C
Rgon= 6 Ohm
±15
300
100
1,1
Turn-off energy loss per pulse
Eoff
Tj=25°C
Rgoff= 6 Ohm
mWs
Abschaltverlustenergie pro Puls
Tj=125°C
Rgon= 6 Ohm
±15
300
100
3
Input capacitance
Cies
Tj=25°C
f=1MHz
0
25
6,2
nF
Eingangskapazität
Tj=125°C
Output capacitance
Coss
Tj=25°C
f=1MHz
0
25
0,4
nF
Ausgangskapazität
Tj=125°C
Reverse transfer capacitance
Crss
Tj=25°C
f=1MHz
0
25
0,2
nF
Rückwirkungskapazität
Tj=125°C
Gate charge
QGate
Tj=25°C
Rgoff= 6 Ohm
nC
Gate Ladung
Tj=125°C
Rgon= 6 Ohm
±15
300
100
850
Thermal resistance chip to heatsink per chip
Wärmewiderstand Chip-Kühlkörper pro Chip
R
thJH
Thermal grease
thickness”50um
0,8
K/W
Thermal resistance chip to case per chip
Wärmewiderstand Chip-Gehause pro Chip
RthJC
Warmeleitpaste
Dicke”50um
= 0,61 W/mK
0,5
K/W
Diode Inverter
Diode Wechselrichter
Diode forward voltage
VF
Tj=25°C
100
1
1,65
2,6
V
Durchlaßspannung
Tj=125°C
1,7
Peak reverse recovery current
IRM
Tj=25°C
Rgon= 6 Ohm
$
Rückstromspitze
Tj=125°C
diF/dt = 4900 A/us
-15
300
100
130
Reverse recovery time
trr
Tj=25°C
Rgon= 6 Ohm
ns
Sperreverzögerungszeit
Tj=125°C
diF/dt = 4900 A/us
-15
300
100
145
Reverse recovered charge
Qrr
Tj=25°C
Rgon= 6 Ohm
uC
Sperrverzögerungsladung
Tj=125°C
diF/dt = 4900 A/us
-15
300
100
7,5
Reverse recovered energy
Erec
Tj=25°C
Rgon= 6 Ohm
mWs
Sperrverzögerungsenergie
Tj=125°C
diF/dt = 4900 A/us
-15
300
100
1,9
Thermal resistance chip to heatsink per chip
Wärmewiderstand Chip-Kühlkörper pro Chip
R
thJH
Thermal grease
thickness”50um
1,15
K/W
Thermal resistance chip to case per chip
Wärmewiderstand Chip-Gehause pro Chip
RthJC
Warmeleitpaste
Dicke”50um
= 0,61 W/mK
0,75
K/W
Values
MiniSKiiP is a trademark of SEMIKRON.
SEMIKRON is a trademark. Tyco is a trademark.
copyright by Tyco Electronics
Finsinger Feld 1, D-85521 Ottobrunn
Page3
Copyright by Vincotech
Revision:1


Similar Part No. - V23990-K243-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K243-A-0A-PM VINCOTECH-V23990-K243-A-0A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-0B-PM VINCOTECH-V23990-K243-A-0B-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-1A-PM VINCOTECH-V23990-K243-A-1A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-1B-PM VINCOTECH-V23990-K243-A-1B-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
V23990-K243-A-PM VINCOTECH-V23990-K243-A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
More results

Similar Description - V23990-K243-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
V23990-K223-A-T1-14 VINCOTECH-V23990-K223-A-T1-14 Datasheet
169Kb / 14P
   2nd Gen. PIM Size 2, 600V / 50A
V23990-K222-A-T1-14 VINCOTECH-V23990-K222-A-T1-14 Datasheet
179Kb / 14P
   2nd Gen. PIM Size 2, 600V / 30A
V23990-K204-A-T1-14 VINCOTECH-V23990-K204-A-T1-14 Datasheet
175Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 20A
V23990-K201-A-T1-14 VINCOTECH-V23990-K201-A-T1-14 Datasheet
161Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A
V23990-K240-A-P1-14 VINCOTECH-V23990-K240-A-P1-14 Datasheet
177Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 70A
V23990-K249-A-P1-14 VINCOTECH-V23990-K249-A-P1-14 Datasheet
178Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 50A
V23990-K203-A-P-14 VINCOTECH-V23990-K203-A-P-14 Datasheet
298Kb / 19P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
V23990-K229-A-P1-14 VINCOTECH-V23990-K229-A-P1-14 Datasheet
176Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 25A
V23990-K220-A-P1-14 VINCOTECH-V23990-K220-A-P1-14 Datasheet
177Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 35A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com