Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K223-A-T1-14 Datasheet(PDF) 5 Page - Vincotech

Part # V23990-K223-A-T1-14
Description  2nd Gen. PIM Size 2, 600V / 50A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K223-A-T1-14 Datasheet(HTML) 5 Page - Vincotech

  V23990-K223-A-T1-14 Datasheet HTML 1Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 2Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 3Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 4Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 5Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 6Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 7Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 8Page - Vincotech V23990-K223-A-T1-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
V23990-K223-A-PM
target datasheet
MiniSKiiP® 2nd Gen. PIM Size 2, 600V / 50A
V23990-K223-A-00-14
Characteristic values
Description
Symbol
Conditions
Unit
T(C°)
Other conditions
VGE(V)
VR(V)
VCE(V)
IC(A)
IF(A)
(Rgon-Rgoff)
VGS(V)
VDS(V)
Id(A)
Min
Typ
Max
Values
Diode BRC
Diode BRC
Diode forward voltage
V
F
Tj=25°C
50
1,85
2,15
V
Durchlaßspannung
Tj=125°C
1,95
Reverse current
Ir
Tj=25°C
$
Sperrstrom
Tj=125°C
Rgon= 16 Ohm
±15
300
50
43
Reverse recovery time
t
rr
Tj=25°C
ns
Sperreverzögerungszeit
Tj=125°C
Rgon= 16 Ohm
±15
300
50
220
Reverse recovered charge
Q
rr
Tj=25°C
uC
Sperrverzögerungsladung
Tj=125°C
Rgon= 16 Ohm
±15
300
50
3,5
Reverse recovery energy
Erec
Tj=25°C
mWs
Sperrverzögerungsenergie
Tj=125°C
Rgon= 16 Ohm
±15
300
50
0,6
Thermal resistance chip to heatsink per chip
Wärmewiderstand Chip-Kühlkörper pro Chip
R
thJH
Thermal grease
thickness”50um
1,65
K/W
Thermal resistance chip to case per chip
Wärmewiderstand Chip-Gehause pro Chip
RthJC
Warmeleitpaste
Dicke”50um
= 0,61 W/mK
1,1
K/W
PTC-Thermistor
PTC-Widerstand
Nominal resistance
R25
Tj=25°C
tolerance = 3%
0,97
1
1,03
kOhm
Nominaler Widerstand
R100
Tj=100°C
tolerance = 2%
1,637
1,67
1,703
kOhm
Typical temperature coefficient
Tj=25°C
0,76
%/K
Tipischer Temperaturkoeffizient
Tj=125°C
Recommended measuring current
Tj=25°C
1
3
Empfohlener Messstrom
Tj=125°C
Measured values
Tj=25°C
Im = 1mA
0,93
1,03
Gemessene Werte
Im = 3mA
2,84
3,4
mA
V
Im
VPTC
MiniSKiiP is a trademark of SEMIKRON.
SEMIKRON is a trademark. Tyco is a trademark.
copyright by Tyco Electronics
Finsinger Feld 1, D-85521 Ottobrunn
Page5
Copyright by Vincotech
Revision:1


Similar Part No. - V23990-K223-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K223-A-0A-PM VINCOTECH-V23990-K223-A-0A-PM Datasheet
2Mb / 17P
   Solderless interconnection
V23990-K223-A-0B-PM VINCOTECH-V23990-K223-A-0B-PM Datasheet
2Mb / 17P
   Solderless interconnection
V23990-K223-A-1A-PM VINCOTECH-V23990-K223-A-1A-PM Datasheet
2Mb / 17P
   Solderless interconnection
V23990-K223-A-1B-PM VINCOTECH-V23990-K223-A-1B-PM Datasheet
2Mb / 17P
   Solderless interconnection
V23990-K223-A-PM VINCOTECH-V23990-K223-A-PM Datasheet
2Mb / 17P
   Solderless interconnection
More results

Similar Description - V23990-K223-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K222-A-T1-14 VINCOTECH-V23990-K222-A-T1-14 Datasheet
179Kb / 14P
   2nd Gen. PIM Size 2, 600V / 30A
V23990-K249-A-P1-14 VINCOTECH-V23990-K249-A-P1-14 Datasheet
178Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 50A
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
V23990-K243-A-T1-14 VINCOTECH-V23990-K243-A-T1-14 Datasheet
174Kb / 13P
   2nd Gen. PIM Size 3, 600V / 100A
V23990-K204-A-T1-14 VINCOTECH-V23990-K204-A-T1-14 Datasheet
175Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 20A
V23990-K201-A-T1-14 VINCOTECH-V23990-K201-A-T1-14 Datasheet
161Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A
V23990-K229-A-P1-14 VINCOTECH-V23990-K229-A-P1-14 Datasheet
176Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 25A
V23990-K203-A-P-14 VINCOTECH-V23990-K203-A-P-14 Datasheet
298Kb / 19P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
V23990-K220-A-P1-14 VINCOTECH-V23990-K220-A-P1-14 Datasheet
177Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 35A
V23990-K240-A-P1-14 VINCOTECH-V23990-K240-A-P1-14 Datasheet
177Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 70A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com