Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K203-A-P-14 Datasheet(PDF) 10 Page - Vincotech

Part # V23990-K203-A-P-14
Description  MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K203-A-P-14 Datasheet(HTML) 10 Page - Vincotech

Back Button V23990-K203-A-P-14 Datasheet HTML 6Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 7Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 8Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 9Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 10Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 11Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 12Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 13Page - Vincotech V23990-K203-A-P-14 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
V23990-K203-A-PM
preliminary datasheet
MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
V23990-K203-A-01-14
Output inverter
Figure 15. Power dissipation as a
Figure 16. Collector current as a
function of heatsink temperature
function of heatsink temperature
Output inverter IGBT
Output inverter IGBT
Ptot = f (Th)
Ic = f (Th)
parameter: Tj= 175 ºC
parameter: Tj= 175 ºC
VGE=
15 V
Figure 17. Power dissipation as a
Figure 18. Forward current as a
function of heatsink temperature
function of heatsink temperature
Output inverter FRED
Output inverter FRED
Ptot = f (Th)
IF = f (Th)
parameter: Tj= 175 ºC
parameter: Tj= 175 ºC
0
20
40
60
80
100
0
50
100
150
200
Th (
o C)
0
5
10
15
20
25
0
50
100
150
200
Th (
o C)
0
20
40
60
80
0
50
100
150
200
Th (
o C)
0
5
10
15
20
25
0
50
100
150
200
Th (
o C)
MiniSKiiP is a trademark of SEMIKRON.
SEMIKRON is a trademark. Vincotech is a trademark.
copyright by Vincotech
Page10
www.vincotech.com


Similar Part No. - V23990-K203-A-P-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K203-A-P-19 VINCOTECH-V23990-K203-A-P-19 Datasheet
56Kb / 3P
   Output inverter application
More results

Similar Description - V23990-K203-A-P-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K200-A-P1-14 VINCOTECH-V23990-K200-A-P1-14 Datasheet
155Kb / 16P
   MiniSKiiP 2nd Gen. PIM Size 1, 1200V / 15A
V23990-K204-A-T1-14 VINCOTECH-V23990-K204-A-T1-14 Datasheet
175Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 20A
V23990-K201-A-T1-14 VINCOTECH-V23990-K201-A-T1-14 Datasheet
161Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A
V23990-K209-A-P1-14 VINCOTECH-V23990-K209-A-P1-14 Datasheet
158Kb / 16P
   MiniSKiiP 2nd Gen. PIM Size 1, 1200V / 8A
V23990-K223-A-T1-14 VINCOTECH-V23990-K223-A-T1-14 Datasheet
169Kb / 14P
   2nd Gen. PIM Size 2, 600V / 50A
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
V23990-K222-A-T1-14 VINCOTECH-V23990-K222-A-T1-14 Datasheet
179Kb / 14P
   2nd Gen. PIM Size 2, 600V / 30A
V23990-K243-A-T1-14 VINCOTECH-V23990-K243-A-T1-14 Datasheet
174Kb / 13P
   2nd Gen. PIM Size 3, 600V / 100A
V23990-K229-A-P1-14 VINCOTECH-V23990-K229-A-P1-14 Datasheet
176Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 25A
V23990-K240-A-P1-14 VINCOTECH-V23990-K240-A-P1-14 Datasheet
177Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 70A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com