Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACDN1408C Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACDN1408C
Description  ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN1408C Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACDN1408C Datasheet HTML 1Page - California Micro Devices Corp PACDN1408C Datasheet HTML 2Page - California Micro Devices Corp PACDN1408C Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACDN1404C
PACDN1408C
PACDN1416C
© 2000 California Micro Devices Corp. All rights reserved.
8/4/2000
3
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Package Diagrams
Pin Orientation
Components are symmetrical, and do not require orientation to pin-1 found in conventional semiconductors. The part
may be rotated 180° without affecting operation.
1
A
B
2
3
1.154mm
0.381mm
0.65
mm
0.65
mm
0.643mm
0.252
mm
0.35mm Dia.
Bumps
0.252
mm
1.804mm
PACDN1404C
PACDN1408C
PACDN1416C
1
A
B
234
5
0.65
mm
0.65
mm
1.154mm
0.381mm
0.643mm
0.252
mm
0.35mm Dia.
Bumps
0.252
mm
3.104mm
1
A
B
234
5
2.454mm
0.381mm
0.65
mm
0.65
mm
0.643mm
0.252
mm
0.35mm Dia.
Bumps
0.252
mm
3.104mm


Similar Part No. - PACDN1408C

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
ON Semiconductor
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN1408CR CALMIRCO-PACDN1408CR Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
More results

Similar Description - PACDN1408C

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
CM1205-16CP CALMIRCO-CM1205-16CP Datasheet
167Kb / 7P
   ESD Protection Arrays, Chip Scale Package
logo
ON Semiconductor
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
NXP Semiconductors
PESDXS4UD NXP-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com