Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-K563BGEW Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTST-K563BGEW
Description  Property of Lite-On Only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-K563BGEW Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTST-K563BGEW Datasheet HTML 3Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 9Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 10Page - Lite-On Technology Corporation LTST-K563BGEW Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Code List
Part No. : LTST-K563BGEW
Page :
6
of
14
BNS-OD-C131/A4
Luminous Intensity
Unit : mcd @20mA
Blue
Green
Red
Bin Code
On Tag
Code
Range
Code
Range
Code
Range
A1
U2
560-710
A2
V1
710-900
A3
W1
1120-1400
V2
900-1120
A4
U2
560-710
A5
V1
710-900
A6
W2
1400-1800
V2
900-1120
A7
U2
560-710
A8
V1
710-900
A9
T1
280-355
X1
1800-2240
V2
900-1120
B1
U2
560-710
B2
V1
710-900
B3
W1
1120-1400
V2
900-1120
B4
U2
560-710
B5
V1
710-900
B6
W2
1400-1800
V2
900-1120
B7
U2
560-710
B8
V1
710-900
B9
T2
355-450
X1
1800-2240
V2
900-1120
Tolerance on each Intensity bin is +/-11%


Similar Part No. - LTST-K563BGEW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-008BGEW LITEON-LTST-008BGEW Datasheet
762Kb / 14P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008EGSW LITEON-LTST-008EGSW Datasheet
452Kb / 13P
   SMD LED
LTST-008GEBW LITEON-LTST-008GEBW Datasheet
597Kb / 12P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008GEBW-P1 LITEON-LTST-008GEBW-P1 Datasheet
439Kb / 12P
   SMD LED
LTST-008GEBW-PX LITEON-LTST-008GEBW-PX Datasheet
536Kb / 13P
   SMD LED
More results

Similar Description - LTST-K563BGEW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com