Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K200-A40-D3-19 Datasheet(PDF) 1 Page - Vincotech

Part # V23990-K200-A40-D3-19
Description  Output Inverter Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K200-A40-D3-19 Datasheet(HTML) 1 Page - Vincotech

  V23990-K200-A40-D3-19 Datasheet HTML 1Page - Vincotech V23990-K200-A40-D3-19 Datasheet HTML 2Page - Vincotech V23990-K200-A40-D3-19 Datasheet HTML 3Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V23990-K200-A40-PM
MiniSKiiP® 1 PIM
1200V / 15A
VGEon
15 V
VGEoff
-15 V
Rgon
32
Rgoff
32
Figure 1
IGBT
Figure 2
FRED
Typical average static loss as a function of output current
Typical average static loss as a function of output current
Ploss = f(Iout)
Ploss = f(Iout)
At
At
Tj =
150
°C
Tj =
150
°C
Mi*cosφ from -1 to 1 in steps of 0,2
Mi*cosφ from -1 to 1 in steps of 0,2
Figure 3
IGBT
Figure 4
FRED
Typical average switching loss
Typical average switching loss
as a function of output current
Ploss = f(Iout)
as a function of output current
Ploss = f(Iout)
At
At
Tj =
150
°C
Tj =
150
°C
DC link =
600
V
DC link =
600
V
fsw from
2 kHz to 16 kHz in steps of factor 2
fsw from
2 kHz to 16 kHz in steps of factor 2
=
3phase SPWM
General conditions
Output Inverter Application
=
=
=
Mi*cosfi = -1
Mi*cosfi = 1
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
Iout (A)
Mi*cosf i= -1
Mi*cosfi = 1
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
Iout (A)
fsw = 2kHz
fsw = 16kHz
0,0
5,0
10,0
15,0
20,0
25,0
30,0
35,0
40,0
45,0
0
5
10
15
20
25
30
35
Iout (A)
fsw = 2kHz
fsw = 16kHz
0,0
2,0
4,0
6,0
8,0
10,0
12,0
14,0
0
5
10
15
20
25
30
35
Iout (A)
copyright Vincotech
1
Revision: 3


Similar Part No. - V23990-K200-A40-D3-19

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K200-A40-D3-14 VINCOTECH-V23990-K200-A40-D3-14 Datasheet
380Kb / 22P
   Solderless interconnection
More results

Similar Description - V23990-K200-A40-D3-19

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P545-X3X-D3-19 VINCOTECH-V23990-P545-X3X-D3-19 Datasheet
57Kb / 3P
   Output Inverter Application
V23990-P546-X3X-D3-19 VINCOTECH-V23990-P546-X3X-D3-19 Datasheet
58Kb / 3P
   Output Inverter Application
V23990-P585-X2X-D2-19 VINCOTECH-V23990-P585-X2X-D2-19 Datasheet
60Kb / 3P
   Output Inverter Application
V23990-P586-X2X-D2-19 VINCOTECH-V23990-P586-X2X-D2-19 Datasheet
59Kb / 3P
   Output Inverter Application
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-K200-A-P1-19 VINCOTECH-V23990-K200-A-P1-19 Datasheet
55Kb / 3P
   Output inverter application
V23990-K420-A40-P1-19 VINCOTECH-V23990-K420-A40-P1-19 Datasheet
76Kb / 3P
   Output Inverter Application
V23990-P630-A40-P1-19 VINCOTECH-V23990-P630-A40-P1-19 Datasheet
74Kb / 3P
   Output Inverter Application
V23990-P768-A-P1-19 VINCOTECH-V23990-P768-A-P1-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-P840-X4X-P1-19 VINCOTECH-V23990-P840-X4X-P1-19 Datasheet
86Kb / 3P
   Output Inverter Application
V23990-P849-X5X-P2-19 VINCOTECH-V23990-P849-X5X-P2-19 Datasheet
63Kb / 4P
   Output Inverter Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com