Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-G563ZEGBW Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTST-G563ZEGBW
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-G563ZEGBW Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTST-G563ZEGBW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 9Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 10Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 11Page - Lite-On Technology Corporation LTST-G563ZEGBW Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
7. Reliability Test
No.
Test item
Test condition
Reference standard
1
Resistance to soldering heat
Tsld = 260°C, 10sec.
3 times
JEITA ED-4701 300 301
2
Solderability
Tsld=245± 5°C
(Lead Free Solder, Coverage ≧ 95%
of the dipped surface)
JEITA ED-4701 300 303
3
Thermal Shock
85 ± 5°C ~ -30°C ± 5°C
30min
30min
100cycles
JEITA ED-4701 300 307
4
Temperature Cycle
-55°C ~ 25°C ~ 100°C ~ 25°C
30min
5min
30min
5min
100cycles
JEITA ED-4701 100 105
5
High Temperature Storage
100°C
1000hrs
JEITA ED-4701 200 201
6
Low Temperature Storage
-55°C
1000hrs
JEITA ED-4701 200 202
7
Temperature Humidity Storage
60°C/90%RH 300hrs
JEITA ED-4701 100 103
8
Room temp life test
25°C, IF: Max current , 1000hrs
--
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.
Part No. : LTST-G563ZEGBW
Page :
11
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-G563ZEGBW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-G563EEEW LITEON-LTST-G563EEEW Datasheet
629Kb / 12P
   SMD LED
LTST-G563EGBW LITEON-LTST-G563EGBW Datasheet
263Kb / 14P
   Property of Lite-On Only
LTST-G563EGBW-P1 LITEON-LTST-G563EGBW-P1 Datasheet
433Kb / 12P
   SMD LED
LTST-G563EGBW-P2 LITEON-LTST-G563EGBW-P2 Datasheet
433Kb / 12P
   SMD LED
LTST-G563GEBW-P3 LITEON-LTST-G563GEBW-P3 Datasheet
429Kb / 12P
   SMD LED
More results

Similar Description - LTST-G563ZEGBW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com