Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990K201APM Datasheet(PDF) 5 Page - Vincotech

Part # V23990K201APM
Description  Standard Power Integrated Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990K201APM Datasheet(HTML) 5 Page - Vincotech

  V23990K201APM Datasheet HTML 1Page - Vincotech V23990K201APM Datasheet HTML 2Page - Vincotech V23990K201APM Datasheet HTML 3Page - Vincotech V23990K201APM Datasheet HTML 4Page - Vincotech V23990K201APM Datasheet HTML 5Page - Vincotech V23990K201APM Datasheet HTML 6Page - Vincotech V23990K201APM Datasheet HTML 7Page - Vincotech V23990K201APM Datasheet HTML 8Page - Vincotech V23990K201APM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
V23990-K20X-A-PM
MiniSKiiP 2nd Gen. PIM Size 1
V23990-K20X-U-02-14
MiniSKiiP is a trademark of SEMIKRON.
SEMIKRON is a trademark. Tyco is a trademark.
copyright by Tyco Electronics
Finsinger Feld 1
D-85521 Ottobrunn
Page5
power.switches@tycoelectronics.com
Montagehinweise / Assembly Instructions
1. Vorbereitung, Spezifikation
der Montagefläche
1. Preparation, surface
specification
Um die bestmögliche thermische
Ankontaktierung eines Moduls zu erreichen,
müssen Modul und Kühlkörper folgende
Spezifikationen erfüllen.
To obtain the maximum thermal conductivity of
the module, heat sink and module must fulfil the
following specifications.
1.1 Kühlkörper
1.1 Heat sink
x Die Montagefläche des Kühlkörpers muss
sauber und frei von Partikeln und Fett sein.
x Oberflächenunebenheiten dürfen auf einer
Länge von 10 cm höchstens
d 20 µm
betragen.
x Die
Rauhigkeit
der
Oberfläche
des
Kühlkörpers sollte maximal
d 6,3 µm sein.
x Treppen mit mehr als 10 µm Höhe sind nicht
erlaubt.
x the heat sink surface must be clean and free
of grease and particles.
x the unevenness of heat sink mounting area
must be
d 20 µm.
x the surface roughness must be d 6,3 µm
x steps with more than 10 µm height are not
allowed
Fig. 1: Heat sink surface specification
Abb. 1: Spezifikation der Montagefläche des Kühlkörpers
Copyright by Vincotech
Revision:1


Similar Part No. - V23990K201APM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990K220APM VINCOTECH-V23990K220APM Datasheet
577Kb / 13P
   Standard Power Integrated Module
V23990K222A30PM VINCOTECH-V23990K222A30PM Datasheet
577Kb / 13P
   Standard Power Integrated Module
V23990K222APM VINCOTECH-V23990K222APM Datasheet
577Kb / 13P
   Standard Power Integrated Module
V23990K223A30PM VINCOTECH-V23990K223A30PM Datasheet
577Kb / 13P
   Standard Power Integrated Module
V23990K223APM VINCOTECH-V23990K223APM Datasheet
577Kb / 13P
   Standard Power Integrated Module
More results

Similar Description - V23990K201APM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P63X-A-U-D1-14 VINCOTECH-V23990-P63X-A-U-D1-14 Datasheet
504Kb / 5P
   Standard Power Integrated Module
V23990-K22X-U-D1-14 VINCOTECH-V23990-K22X-U-D1-14 Datasheet
577Kb / 13P
   Standard Power Integrated Module
V23990-K24X-U-D1-14 VINCOTECH-V23990-K24X-U-D1-14 Datasheet
777Kb / 13P
   Standard Power Integrated Module
V23990P585APM VINCOTECH-V23990P585APM Datasheet
202Kb / 4P
   Standard Power Integrated Module
logo
Fuji Electric
7MBR15SA140 FUJI-7MBR15SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR35SB140 FUJI-7MBR35SB140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR10UF120 FUJI-7MBR10UF120 Datasheet
1Mb / 16P
   Power Integrated Module
7MBR20SA060A FUJI-7MBR20SA060A Datasheet
389Kb / 10P
   Power Integrated Module
7MBR25SA140 FUJI-7MBR25SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR15UF060 FUJI-7MBR15UF060 Datasheet
1,007Kb / 16P
   Power Integrated Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com