Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRL-274ND00951AD-A Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FRL-274ND00951AD-A
Description  HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FRL-274ND00951AD-A Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FRL-274ND00951AD-A Datasheet HTML 1Page - Fujitsu Component Limited. FRL-274ND00951AD-A Datasheet HTML 2Page - Fujitsu Component Limited. FRL-274ND00951AD-A Datasheet HTML 3Page - Fujitsu Component Limited. FRL-274ND00951AD-A Datasheet HTML 4Page - Fujitsu Component Limited. FRL-274ND00951AD-A Datasheet HTML 5Page - Fujitsu Component Limited. FRL-274ND00951AD-A Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FRL-274 SERIES
s REFERENCE DATA
23.7+0.5
( ): N type
21.3+0.5
• 1 from C
q Dimensions
• 1 from A
q Schematics (BOTTOM VIEW)
•Standard terminal width
q PC board mounting hole layout (BOTTOM VIEW)
•Wide terminal width
q Tube carrier
5
4
1
1
1
2
3
4
1
1
1
2
3
23.3 Max.
541Max.
Note : Tolerance ± 0.1 mm
4—ø1.4
+0.1
—0.05
3—ø1.8
+0.1
—0.05
9.35
14.7
(3.85)
5
1
1
1
2
3
4
5.6
10.8
2.6
2—ø1.4
+0.1
—0.05
9.35
14.7
(3.85)
5
1
1
1
2
3
4
5.6
10.8
2.6
2.2
+0.1
—0.05
20pcs/tube
s DIMENSIONS
Distribution of Operate & Release Voltage
Distribution of Operate & Release Time
Distribution of Contact Resistance
FRL-274
n = 100
FRL-274
n = 100
FRL-274
n = 100
Operate
Release
Operate
Release
Nominal Voltage Multiplying Factor (%)
Times (ms)
Contact Resistance (m
Ω)
Unit: mm


Similar Part No. - FRL-274ND00951AD-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FRL-274ND009/01AY-01A FUJITSU-FRL-274ND009/01AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01AY-A FUJITSU-FRL-274ND009/01AY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01CY-01A FUJITSU-FRL-274ND009/01CY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/01CY-A FUJITSU-FRL-274ND009/01CY-A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND009/51AY-01A FUJITSU-FRL-274ND009/51AY-01A Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FRL-274ND00951AD-A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com