Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z250PA40A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Z250PA40A
Description  SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Z250PA40A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Z250PA40A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Voltage Ratings
Maximum Operating Conditions
Varistor
Peak Voltage
Max. Clamping
Peak
Typical
Type
VAC
VDC
Energy
Voltage
Current
Capacitance
Figure
Volts
Volts
Min.
Max.
(8x20
ms)
RMS
Amps
Volts
Volts
Joules
Volts
Amp.
pf
Z33M201
130
170
180
220
210
340
200
25000
6600
62
Z33M241
150
200
216
264
240
395
200
25000
6000
62
Z33M271
175
225
243
297
255
455
200
25000
5010
62
Z33M361
230
300
324
396
325
595
200
25000
4200
62
Z33M391
250
320
351
429
350
650
200
25000
3600
62
Z33M431
275
350
387
473
400
710
200
25000
3300
62
Z33M471
300
385
423
517
405
775
200
25000
3100
62
Z33M511
320
415
459
561
415
845
200
25000
3000
62
Z33M621
385
505
558
682
425
1025
200
25000
2640
62
Z33M681
420
560
612
748
450
1120
200
25000
2520
62
Z33M751
460
615
675
825
500
1240
200
25000
2300
62
Z33M781
485
640
702
858
520
1290
200
25000
2300
62
Z33M821
510
670
738
902
545
1355
200
25000
2160
62
Z33M911
550
745
819
1001
600
1500
200
25000
2100
62
Z33M102
625
825
900
1100
655
1650
200
25000
2040
62
Z33M112
680
895
990
1210
725
1815
200
25000
1850
62
Z60M431
275
369
389
473
950
680
200
50000
9000
66
Z60M511
320
420
462
539
1100
760
200
50000
7500
66
Z60M681
420
560
610
748
1500
1060
200
70000
6000
66
Z60M751
480
640
670
825
1600
1160
200
70000
5500
66
Z60M821
510
675
735
910
1800
1300
200
70000
5000
66
Z60M911
575
730
805
1000
2100
1420
200
70000
4500
66
Z60M102
660
850
940
1160
2300
1640
200
70000
4000
66
Z60M122
750
970
1080
1320
2600
1880
200
70000
3500
66
Z60M182
1100
1400
1620
2060
3800
2940
200
70000
2200
71
Z60M222
1400
1750
2020
2550
5000
3600
200
70000
1800
71
Z60M272
1700
2150
2500
3030
6000
4300
200
70000
1500
71
Z60M332
2000
2500
2970
3630
7500
5200
200
70000
1200
71
Z60M392
2400
3000
3510
4290
8600
6200
200
70000
1000
71
Z60M472
2800
3500
4230
5170
10000
7400
200
70000
800
71
Z130PA20A
184
243
360
100
Z130PA20C
130
175
184
220
100
325
100
6500
2400
63
Z150PA20A
212
284
420
100
63
Z150PA20C
150
200
212
243
100
360
100
6500
2000
63
Z200PA20A
200
260
297
363
110
550
100
6500
1800
63
Z250PA40A
354
453
675
100
63
Z250PA40C
250
330
354
413
130
620
100
6500
1400
63
Z275PA40A
389
494
740
100
63
Z275PA40C
275
369
389
453
140
680
100
6500
1200
63
Z320PA40A
462
565
850
100
63
Z320PA40C
320
420
462
539
160
800
100
6500
1100
63
Z420PA40A
610
790
1160
100
63
Z420PA40C
420
560
610
690
160
1050
100
6500
1000
63
Z480PA80A
670
860
1280
100
63
Z480PA80C
480
640
670
790
180
1160
100
6500
1000
63
Z510PA80A
735
963
1410
100
63
Z510PA80C
510
675
735
860
190
1280
100
6500
1000
63
Z550PA80A
775
1000
1500
100
63
Z550PA80C
550
700
775
960
200
1400
100
6500
900
63
Z575PA80A
805
1050
1560
100
63
Z575PA80C
575
730
805
960
220
1410
100
6500
900
63
Z625PA80A
625
825
900
1100
230
1650
100
6500
800
63
Z660PA100A
940
1210
1820
100
63
Z660PA100C
660
850
940
1100
250
1650
100
6500
800
63
Z1000PA100A
1460
1880
2800
100
63
Z1000PA100C
1000
1350
1460
1720
380
2580
100
6500
600
63
Maximum Power Dissipation: Z33M-1.5 watt; Z60M-2.5 watt; PA-1.0 watt
Typical response time is less than 15 nanoseconds.
Z33M Series
PA Series
Z60 Series
Z33M & Z60 Series
PA Series
SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
22
CKE
Mailing Address: P.O. Box 211 s Lucernemines, PA 15754 s Telephone: (724) 479-3533 s Fax: (724) 479-3537 s www.cke.com


Similar Part No. - Z250PA40A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
Z250PA40A NJSEMI-Z250PA40A Datasheet
106Kb / 1P
   PA Series
More results

Similar Description - Z250PA40A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com