Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2052MTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2052MTRPBF
Description  2 channel integrated analog input Class D audio amplifier driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2052MTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2052MTRPBF Datasheet HTML 1Page - International Rectifier IRS2052MTRPBF Datasheet HTML 2Page - International Rectifier IRS2052MTRPBF Datasheet HTML 3Page - International Rectifier IRS2052MTRPBF Datasheet HTML 4Page - International Rectifier IRS2052MTRPBF Datasheet HTML 5Page - International Rectifier IRS2052MTRPBF Datasheet HTML 6Page - International Rectifier IRS2052MTRPBF Datasheet HTML 7Page - International Rectifier IRS2052MTRPBF Datasheet HTML 8Page - International Rectifier IRS2052MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IRS2052M
www.irf.com
© 2009 International Rectifier
2
Table of Contents
Page
Typical Connection Diagram
1
Qualification Information
3
Absolute Maximum Ratings
4
Recommended Operating Conditions
6
Electrical Characteristics
7
Functional Block Diagram
12
Input/Output Pin Equivalent Circuit Diagram
13
Lead Definitions
15
Lead Assignments
17
Application Information and Additional Details
18
Package Details
20
Part Marking Information
21
Ordering Information
23
Change History
24


Similar Part No. - IRS2052MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2052M IRF-IRS2052M Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
logo
Infineon Technologies A...
IRS2052M INFINEON-IRS2052M Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
March 23, 2011
logo
International Rectifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
IRS2052MPBF IRF-IRS2052MPBF_15 Datasheet
435Kb / 23P
   2 CH Digital Audio Amplifier
More results

Similar Description - IRS2052MTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
logo
International Rectifier
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
   Analog Signal Input Class D Amplifier
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Shenzhenshi YONGFUKANG ...
NS4225 YONGFUKANG-NS4225 Datasheet
711Kb / 17P
   2-channel 2X25W, filterless, Class D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com