Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C19GD2WT Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTST-C19GD2WT
Description  ROHS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C19GD2WT Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTST-C19GD2WT_14 Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 9Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 10Page - Lite-On Technology Corporation LTST-C19GD2WT_14 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Notes:
1. Empty component pockets sealed with top cover tape.
2. 7 inch reel-3000 pieces per reel.
3. Minimum packing quantity is 500 pcs for remainders.
4. The maximum number of consecutive missing lamps is two.
5. In accordance with ANSI/EIA 481-1-A-1994 specifications.
Part
No. : LTST-C19GD2WT
Page :
8
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C19GD2WT_14

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C19GD2WT-G LITEON-LTST-C19GD2WT-G Datasheet
602Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTST-C19GD2WT_14

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
   Meet RoHS/Meet RoHS, Green Product
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
Surge Components
OCV SURGE-OCV Datasheet
1Mb / 3P
   rohs compliance
OCVU SURGE-OCVU Datasheet
704Kb / 2P
   rohs compliance
RLA SURGE-RLA Datasheet
1Mb / 2P
   rohs compliance
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com