Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-108TGKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-108TGKT
Description  ROHS/ Package in 8mm tape on 7??diameter reels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-108TGKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-108TGKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-108TGKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at Ta=25℃
Parameter
LTST-108TGKT
Unit
Power Dissipation
80
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
20
mA
Operating Temperature Range
-40℃ to + 85℃
Storage Temperature Range
-40℃ to + 100℃
Suggest IR Reflow Condition For Pb Free Process:
IR-Reflow Soldering Profile for lead free soldering (Acc. to J-STD-020B)
Part No. : LTST-108TGKT
Page :
2
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-108TGKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-108TGKT TO-GRACE-LTST-108TGKT Datasheet
853Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-108TGKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-108KRKT LITEON-LTST-108KRKT Datasheet
667Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C155GYKT LITEON-LTST-C155GYKT_14 Datasheet
537Kb / 10P
   ROHS/ Package In 8mm Tape On 7" Diameter Reels
LTST-C150AKT LITEON-LTST-C150AKT Datasheet
307Kb / 6P
   PACKAGE IN 8MM TAPE ON 7" DIAMETER REELS.
LTST-010TBKT LITEON-LTST-010TBKT Datasheet
453Kb / 11P
   Package in 8mm tape on 7" diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-008ZDCG TO-GRACE-LTW-008ZDCG Datasheet
685Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-010KRKT TO-GRACE-LTST-010KRKT Datasheet
660Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTST-T680KGKT TO-GRACE-LTST-T680KGKT Datasheet
681Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTW-M670ZVS-M5 TO-GRACE-LTW-M670ZVS-M5 Datasheet
680Kb / 11P
   Package in 8mm tape on 7" diameter reels.
logo
Lite-On Technology Corp...
LTST-T670YKT LITEON-LTST-T670YKT Datasheet
245Kb / 6P
   Package in 8mm tape on 7 diameter reels
LTST-C190GKT LITEON-LTST-C190GKT Datasheet
344Kb / 9P
   Package in 8mm tape on 7 diameter reels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com