Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2815AT-5-0TR Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2815AT-5-0TR
Description  1.5A Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AT-5-0TR Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX2815AT-5-0TR Datasheet HTML 2Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 3Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 4Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 5Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 6Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 7Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 8Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 9Page - Sipex Corporation SPX2815AT-5-0TR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
PACKAGE: 3 PIN TO-263
MIN
NOM
MAX
MIN
NOM
MAX
A
0.160
-
0.190
4.06
-
4.83
A1
0.000
-
0.010
0.00
-
0.25
b
0.020
-
0.039
0.51
-
0.99
b2
0.045
-
0.070
1.14
-
1.78
c
0.015
-
0.029
0.38
-
0.74
c2
0.045
-
0.065
1.14
-
1.65
D
0.330
-
0.380
8.38
-
9.65
D1
0.270
-
-
6.86
-
-
E
0.380
-
0.420
9.65
-
10.67
E1
0.245
-
-
6.22
-
-
e
H
0.575
-
0.625
14.61
-
15.88
L
0.070
-
0.110
1.78
-
2.79
L1
-
-
0.066
-
-
1.68
L3
O
-
-
Inches
Controlling Dimension
Millimeters
Conversion Factor:
1 Inch = 25.40 mm
SIPEX Pkg Signoff Date/Rev:
JL Aug5-05 / Rev A
0.25 BSC
.010 BSC
SYMBOL
3 Pin TO-263 JEDEC TO-263
Variation AA
2.54 BSC
.100 BSC
DETAIL C
L
Gauge Plane
A1
Seating
Plane
L3
θ
c
C2
A
H
Seating
Plane
Chamfer
Optional
SIDE VIEW
See Detail C
E1
D1
(L1)
Thermal
Pad
BACK
VIEW
L1
FRONT VIEW
E
D
b2
e
b
E/2
1
2
3


Similar Part No. - SPX2815AT-5-0TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815AT-5-0 SIPEX-SPX2815AT-5-0 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AT-5-0/TR SIPEX-SPX2815AT-5-0/TR Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815AT-5-0TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com