Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHY7230CM Datasheet(PDF) 6 Page - International Rectifier

Part # IRHY7230CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY7230CM Datasheet(HTML) 6 Page - International Rectifier

  IRHY7230CM Datasheet HTML 1Page - International Rectifier IRHY7230CM Datasheet HTML 2Page - International Rectifier IRHY7230CM Datasheet HTML 3Page - International Rectifier IRHY7230CM Datasheet HTML 4Page - International Rectifier IRHY7230CM Datasheet HTML 5Page - International Rectifier IRHY7230CM Datasheet HTML 6Page - International Rectifier IRHY7230CM Datasheet HTML 7Page - International Rectifier IRHY7230CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com
IRHY7230CM, JANSR2N7381
Pre-Irradiation
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-V
DD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
CaseTemperature
VGS
25
50
75
100
125
150
0
2
4
6
8
10
T , Case Temperature ( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRHY7230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
105Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7230CM IRF-IRHY7230CM Datasheet
143Kb / 8P
   Simple Drive Requirements
IRHY7230CM IRF-IRHY7230CM_15 Datasheet
143Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHY7230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
105Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CM IRF-IRHY57230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9130CM IRF-IRHY9130CM Datasheet
116Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9230CM IRF-IRHY9230CM Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com