Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPPT32-500F Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CSPPT32-500F
Description  CHIP SCALE PARALLEL TERMINATION ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPPT32-500F Datasheet(HTML) 2 Page - California Micro Devices Corp

  CSPPT32-500F Datasheet HTML 1Page - California Micro Devices Corp CSPPT32-500F Datasheet HTML 2Page - California Micro Devices Corp CSPPT32-500F Datasheet HTML 3Page - California Micro Devices Corp CSPPT32-500F Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 California Micro Devices Corp. All rights reserved.
11/10/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CSPPT
CALIFORNIA MICRO DEVICES
Package Diagram (Bumps Up View)
CSPPT08
CSPPT16
CSPPT32
S
E
U
L
A
V
D
R
A
D
N
A
T
S
e
u
l
a
V
r
o
t
s
i
s
e
R7
4
=
1
R
,
Ω 0
5
,
Ω 6
5
,
8
6
,
0
9
,
0
0
1
,
R
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
5
±
,
%
1
±
s
r
o
t
s
i
s
e
R
f
o
R
C
Tm
p
p
0
0
1
±
r
o
t
s
i
s
e
R
/
g
n
i
t
a
R
r
e
w
o
PW
m
0
0
1
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
8
o
t
C
°
0
4
1
A
B
23
5
4
1.0968mm
0.381mm
0.65
mm
0.65
mm
0.643mm
0.35mm
Dia.
Bumps
0.2234mm
3.0468mm
1
A
B
C
D
234
5
2.3968mm
0.381mm
0.65
mm
0.65
mm
0.643mm
0.35mm
Dia.
Bumps
0.2234mm
3.0468mm
1
A
B
C
D
2345678
10
9
2.3968mm
0.381mm
0.65
mm
0.65
mm
0.643mm
0.35mm
Dia.
Bumps
0.2234mm
6.2968mm


Similar Part No. - CSPPT32-500F

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
   Final Control Elements
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-120 MEANWELL-CSP-3000-120 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-250 MEANWELL-CSP-3000-250 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
More results

Similar Description - CSPPT32-500F

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPDDR100 CALMIRCO-CSPDDR100 Datasheet
55Kb / 4P
   CHIP SCALE DDR TERMINATION ARRAY
CSPST CALMIRCO-CSPST Datasheet
52Kb / 4P
   CHIP SCALE SERIES TERMINATION ARRAY
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
   200w chip scale tvs array
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
RAVF SEI-RAVF Datasheet
392Kb / 6P
   Convex Termination Chip Resistor Array
7/30/2021
logo
List of Unclassifed Man...
RAVF102D ETC2-RAVF102D Datasheet
169Kb / 3P
   Convex Termination Chip Resistor Array
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
   Concave Termination Chip Resistor Array
03/26/2020
logo
Analog Devices
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com