Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL357NETA-VG Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EL357NETA-VG
Description  4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL357NETA-VG Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EL357NETA-VG Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATASHEET
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G series
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 13, 2013. Issue No:DPC-0000014 Rev.5
www.everlight.com
Electro-Optical Characteristics (Ta=25℃
℃ unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.4
V
IF = 20mA
Reverse current
IR
-
-
10
µA
VR = 4V
Input capacitance
Cin
-
30
250
pF
V = 0, f = 1kHz
Output
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Collector-Emitter dark
current
ICEO
-
-
100
nA
VCE = 20V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.01mA
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Current
Transfer
ratio
EL357N
CTR
50
-
600
%
IF = 5mA ,VCE = 5V
EL357NA
80
-
160
EL357NB
130
-
260
EL357NC
200
-
400
EL357ND
300
-
600
EL357NE
100
-
200
EL357NF
150
-
300
Collector-Emitter
saturation voltage
VCE(sat)
-
0.1
0.2
V
IF = 20mA ,IC = 1mA
Isolation resistance
RIO
5×10
10
-
-
VIO = 500Vdc,
40~60% R.H.
Floating capacitance
CIO
-
0.6
1.0
pF
VIO = 0, f = 1MHz
Rise time
tr
-
3
18
µs
VCE = 2V, IC = 2mA,
RL = 100Ω
Fall time
tf
-
4
18
* Typical values at Ta = 25°C


Similar Part No. - EL357NETA-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357NE EVERLIGHT-EL357NE Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP
EL357NE EVERLIGHT-EL357NE Datasheet
714Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NE(TA)-VG EVERLIGHT-EL357NE(TA)-VG Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP
EL357NE(TB)-VG EVERLIGHT-EL357NE(TB)-VG Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP
More results

Similar Description - EL357NETA-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G_14 Datasheet
714Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G_16 Datasheet
787Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLE
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com