Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25L010FVM-WE2 Datasheet(PDF) 7 Page - Rohm

Part # BR25L010FVM-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L010FVM-WE2 Datasheet(HTML) 7 Page - Rohm

Back Button BR25L010FVM-WE2 Datasheet HTML 3Page - Rohm BR25L010FVM-WE2 Datasheet HTML 4Page - Rohm BR25L010FVM-WE2 Datasheet HTML 5Page - Rohm BR25L010FVM-WE2 Datasheet HTML 6Page - Rohm BR25L010FVM-WE2 Datasheet HTML 7Page - Rohm BR25L010FVM-WE2 Datasheet HTML 8Page - Rohm BR25L010FVM-WE2 Datasheet HTML 9Page - Rohm BR25L010FVM-WE2 Datasheet HTML 10Page - Rohm BR25L010FVM-WE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
1. Write enable (WREN) / disable (WRDI) cycle
Command mode
0000
0000
0000
0000
Ope code
Command
WREN
WRDI
READ
WRITE
Contents
Write enable command
Write disable command
Read command
Write command
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
BR25L010-W
BR25L020-W
BR25L040-W
Write enable
Write disable
Read
Write
RDSR
Status register read
command
Read status register
0000
* 110
* 100
* 011
* 010
* 001
0000
0000
0000
0000
0000
0000
0000
0000
0000
0000
0110
0100
0011
0010
0001
WRSR
Status register write
command
Write status register
0000
* 101
0000
0000
0101
Timing chart
CS
SO
High-Z
SI
0
00
0
* 1
1
10
SCK
1
02
3
4
5
6
7
Fig. 35 Write enable command
1.WREN (WRITE ENABLE) : Write enable
High-Z
CS
SO
SI
0
00
0
*
0
1
10
SCK
1
02
3
4
5
6
7
Fig. 36 Write disable
1.WRDI (WRITE DISABLE) : Write disable
*1 BR25L010/020/040-W=Don't care
BR25L080/160/320/640-W=“0” input
*1 BR25L010/020/040-W=Don't care
BR25L080/160/320/640-W=“0” input
* 110
* 100
A8011
A8010
* 001
* 101
This IC has write enable status and write disable status. It is set to write enable status by write enable command, and it is
set to write disable status by write disable command. As for these commands, set CS LOW, and then input the respective
ope codes. The respective commands accept command at the 7-th clock rise. Even with input over 7 clocks, command
becomes valid.
When to carry out write and write status register command, it is necessary to set write enable status by the write enable
command. If write or write status register command is input in the write disable status, commands are cancelled. And even
in the write enable status, once write and write status register command is executed once, it gets in the write disable
status. After power on, this IC is in write disable status.
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L010FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010FVM-W ROHM-BR25L010FVM-W Datasheet
336Kb / 6P
   SPI BUS 1Kbit (128 x 8bit) EEPROM
BR25L010FVM-W ROHM-BR25L010FVM-W Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
More results

Similar Description - BR25L010FVM-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com