Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H040F-WE2 Datasheet(PDF) 4 Page - Rohm

Part # BR25H040F-WE2
Description  High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H040F-WE2 Datasheet(HTML) 4 Page - Rohm

  BR25H040F-WE2 Datasheet HTML 1Page - Rohm BR25H040F-WE2 Datasheet HTML 2Page - Rohm BR25H040F-WE2 Datasheet HTML 3Page - Rohm BR25H040F-WE2 Datasheet HTML 4Page - Rohm BR25H040F-WE2 Datasheet HTML 5Page - Rohm BR25H040F-WE2 Datasheet HTML 6Page - Rohm BR25H040F-WE2 Datasheet HTML 7Page - Rohm BR25H040F-WE2 Datasheet HTML 8Page - Rohm BR25H040F-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
6
5
4
3
2
1
0 0
1
2
3
45
6
VCC[V]
Ta=85˚C
SPEC
Ta=25˚C
Ta=-40˚C
1
0.8
0.6
0.4
0.2
0
0
1
2
34
5
IOL[mA]
SPEC
Ta=-40˚C
Ta=25˚C
Ta=85˚C
1
0.8
0.6
0.4
0.2
0
0
1
2
34
5
IOL[mA]
Ta=85˚C
SPEC
Ta=-40˚C
Ta=25˚C
1.2
1
0.8
0.8
0.4
0.2
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=-40˚C
4
3
2
1
0
0
1
2
3
4
56
VCC[V]
SPEC
SPEC
VCC=2.5V 2mA
VCC=5.5V 3mA
Vcc=2.5V 1.5mA
Vcc=5.5V 2.0mA
2.5
2
1.5
1
0.5
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
250
200
150
100
50
0
0
1
2
3
45
6
VCC[V]
SPEC
Ta=85˚C
Ta=25˚C
250
200
150
100
50
0
0
1
2
34
5
6
VCC[V]
SPEC
SPEC
Ta=25˚C
6
5
4
3
2
1
0
0
1
2
3
4
56
VCC[V]
SPEC
Ta=-40˚C
Ta=25˚C
Ta=85˚C
2
1.8
1.6
1.4
1.2
0
0.4
0.8
IOH[mA]
Ta=85˚C
SPEC
2.6
2.4
2.2
2
1.8
0
0.4
0.8
IOH[mA]
Ta=-40˚C
SPEC
1.2
1
0.8
0.6
0.4
0.2
0
0
1
2
3
4
5
6
VCC[V]
Ta=-40˚C
Ta=25˚C
Ta=85˚C
SPEC
VCC[V]
2.5
2
1.5
1
0.5
0
0
1
2
3
4
5
6
Ta=85˚C
SPEC
SPEC
fSCK=5MHz
DATA=55h
fSCK=5MHz
DATA=55h
Ta=25˚C
VCC[V]
100
10
1
0.1
0
1
2
3
4
5
6
SPEC
SPEC
Ta= -40˚C
Ta=25˚C
VCC[V]
250
200
150
100
50
0
0
1
2
34
56
Ta=85˚C
SPEC
SPEC
Ta= -40˚C
Ta=25˚C
Characteristic data (The following characteristic data are Typ. values.)
Ta=25˚C
Ta=-40˚C
Ta=25˚C
Ta=85˚C
Ta=25˚C
Ta=85˚C
Ta=25˚C
Ta=85˚C
Ta=-40˚C
Ta=-40˚C
Ta=25˚C
Ta= -40˚C
Ta=85˚C
SPEC
Ta= -40˚C
Ta= -40˚C
Ta=85˚C
Fig.6 "H" input voltage VIH(CS,SCK,SI,HOLD,WP)
Fig.7 "L" input voltage VIL(CS,SCK,SI,HOLD,WP)
Fig.8 "L" output voltage VOL-IOL(VCC=1.8V)
Fig.9 "H" output voltage VOH-IOH(VCC=1.8V)
Fig.10 "L" output voltage VOL-IOL(VCC=2.5V)
Fig.11 "H" output voltage VOH-IOH(VCC=2.5V)
Fig.12 Input leak current ILI(CS,SCK,SI,WP,HOLD)
Fig.13 Output leak current ILO(SO)
Fig.14 Current consumption at WRITE operation
ICC1,2,3(WRITE,PAGE WRITE,WRSR,fSCK=5MHz)
BR25L010-W,BR25L020-W,BR25L040-W
Fig.15 Consumption current at READ operation
ICC4,5(READ,WRSR,fSK=5MHz)
Fig.16 Consumption current at standby operation ISB
Fig.17 SCK frequency fSCK
Fig.18 tSCK high time tSCKWH
Fig.19 SCK low time tSCKWL
Fig.20 CS high time tCS
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25H040F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040F-WE2 ROHM-BR25H040F-WE2 Datasheet
1Mb / 17P
   HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
More results

Similar Description - BR25H040F-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com