Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCT3F560JG Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECCT3F560JG
Description  High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCT3F560JG Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECCT3F560JG Datasheet HTML 1Page - Panasonic Semiconductor ECCT3F560JG Datasheet HTML 2Page - Panasonic Semiconductor ECCT3F560JG Datasheet HTML 3Page - Panasonic Semiconductor ECCT3F560JG Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Capacitors (SMD)
500
1000
5000
10
50
100
500
22pF
33pF
47pF
10pF
3000
2000
700
300
200
20
30
70
200 300
Frequency (kHZ)
500
1000
5000
10
50
100
500
22pF
33pF
47pF
10pF
3000
2000
700
300
200
20
30
70
200 300
Frequency (kHZ)
500
1000
5000
10
50
100
500
22pF
10pF
3000
2000
700
300
200
20
30
70
200 300
Frequency (kHZ)
–15
–10
–5
0
+5
+10
–20
0
20
40
60
80
100
120
Temperature (˚C)
+10
0
– 10
Temperature (˚C)
– 20
0
20
40
60
80
100
5
10
15
20
25
020
406080
100
120
ambient temperature (˚C)
3to5kV,10to47pF
Lamp
2kV,100 to 330 pF
1kV/2kV,100 to 470 pF
AC
In put
DC
Out put
Type BC or Type FC 1000 to 4700 pF
Typical Characteristics
● Temperature Characteristics
Char. SL/GP
(Temp.Coeff.:+350 to –1000 ppm/°C)
Char. B/Y5P
Temp.Range:–25 to 85 °C
max.Cap.Change:±10 %
(
)
● Characteristics of Voltage-Frequency
Rated Voltage 3 kVDC
Rated Voltage 4 kVDC
Rated Voltage 5 kVDC
Application Examples
● LCD Backlighting Inverter
● Primary circuit and Snubber circuit of
Switching Power Supply
Permission self generation of heat temperature
vs. ambient temperature
The graphs above show the maximum permissable voltage
when using a capacitor with an AC sine wave voltage.
When measuring this voltage in room temperature (25 °C), the
capacitor self-heat generation will rise a maximum of 20 °C.
When using a pulse voltage or an AC voltage other than a sine
wave, confirm that the capacitor self-heat generation is less
than 20 °C in an ambient room temperature of 25 °C.
The self-heat generation temperature is the difference between
the surface temperature and the ambient room temperature.
As for the situation when the self-heat generation temperature is
more than 25 °C, refer to the figure on the right.
Feb. 2006


Similar Part No. - ECCT3F560JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCT3F560JG PANASONIC-ECCT3F560JG Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECCT3F560JG PANASONIC-ECCT3F560JG Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3F560JG PANASONIC-ECCT3F560JG Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
More results

Similar Description - ECCT3F560JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECC-T3G150JG2 PANASONIC-ECC-T3G150JG2 Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
logo
Vishay Siliconix
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
   High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
Revision: 19-Jan-17
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
Revision: 19-Jan-17
HPC VISHAY-HPC Datasheet
87Kb / 4P
   High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
Revision: 11-Sep-15
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
715C-DK VISHAY-715C-DK_V01 Datasheet
92Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, 10 kVDC to 40 kVDC / 3.5 kVAC to 14 kVAC, Screw Terminal Mounting
07-Mar-2019
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
logo
Panasonic Semiconductor
ECK-D3A472KBP PANASONIC-ECK-D3A472KBP Datasheet
51Kb / 3P
   High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P
logo
Vishay Siliconix
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com