Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1018-G Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL1018-G
Description  4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER EL101X-G Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL1018-G Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL1018-G Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL1018-G Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : August 24, 2013. Issue No: DPC-0000037 Rev.4
www.everlight.com
4 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G Series
Features:
• Free halogens compliant
• Current transfer ratio
(CTR: 50~600% at IF =5mA, VCE =5V)
(CTR: 63~320% at IF =10mA, VCE =5V)
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Compact 4 Pin SOP with a 2.0 mm profile
• 8mm long creepage distance
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 40028391)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
Description
The EL101X-G series devices consist of an infrared emitting
diode, optically coupled to a phototransistor detector. Compound
use free halogens and Sb2O3.
They are packaged in a 4-pin SOP package
Applications
Programmable controllers
System appliances, measuring instruments
Telecommunication equipments
Home appliances, such as fan heaters, etc.
Signal transmission between circuits of different potentials and impedances
Schematic
Pin Configuration
1. Anode
2. Cathode
3. Emitter
4. Collector


Similar Part No. - EL1018-G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL1018 EVERLIGHT-EL1018 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
EL1018 EVERLIGHT-EL1018 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL1018(TA)-VG EVERLIGHT-EL1018(TA)-VG Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
EL1018(TB)-VG EVERLIGHT-EL1018(TB)-VG Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
More results

Similar Description - EL1018-G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL1019-G EVERLIGHT-EL1019-G Datasheet
882Kb / 12P
   4 PIN LONG CREEPAGE SOP 4 PIN LONG CREEPAGE SOP EL101X-G Series
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL111X-G EVERLIGHT-EL111X-G_13 Datasheet
849Kb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL111X-G EVERLIGHT-EL111X-G_14 Datasheet
1Mb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G EVERLIGHT-EL101X-G Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G_14 Datasheet
714Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com