Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88JB2-252 Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 88JB2-252
Description  Sealed, Flange Mounted
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

88JB2-252 Datasheet(HTML) 4 Page - Grayhill, Inc

  88JB2-252 Datasheet HTML 1Page - Grayhill, Inc 88JB2-252 Datasheet HTML 2Page - Grayhill, Inc 88JB2-252 Datasheet HTML 3Page - Grayhill, Inc 88JB2-252 Datasheet HTML 4Page - Grayhill, Inc 88JB2-252 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Sealed Keypads
SPECIFICATIONS
Rating Criteria
Rating at 24 Vdc: 10 milliamps, resistive
Contact Resistance: Compatible with MOS, TTL
and DTL (10 ohms maximum)
Voltage Breakdown: 250 Vac between mutually
insulated parts
Life Expectancy: 3,000,000 operations per
button
Contact Bounce: Less than 4 milliseconds at
make, 10 milliseconds at break
Temperature: -40°C to +80°C
Operating Features
Button Travel: 0.015"(0,38 mm) nominal total
travel
Typical Operating Force: 350 grams
Materials and Finishes
Housing: ABS polycarbonate, black
Graphic Overlay: Polyester
Contact Dome: Stainless steel, selectively gold-
plated
Terminals: Phosphor bronze
SEALING OF KEYBOARDS
The graphic legend is silk-screen printed on
the second surface of a clear polyester film,
providing maximum legend protection. It
withstands high humidity, and it is resistant to
scratching, marring, and dulling of the surface
caused by fingernails, wiping cloths, and
cleaning materials. It has excellent solvent
resistance to water, petroleum oil, alcohols
and aliphatic hydrocarbons.
These common liquids do not attack the
overlay: 5% acetic acid, 5% citric acid, 2%
detergent solution, soapy water, 30% hydrogen
peroxide, wine, beer, whiskey, coffee, cocoa,
milk,
tomato
juice,
lemon
juice,
etc.
Hydrocarbons, ketones and freon do not affect
the overlay. But, we recommend that you do not
subject the keyboard to these chemicals, since
they may affect the switch housing, which is
ABS plastic. To discuss a particular solvent,
contact Grayhill.
Protect your equipment in outdoor or harsh
environmental conditions by sealing the
keyboard to the equipment panel. Use an
optional gasket with the keyboard. There are
two types of gaskets: one for mounting the
keyboard beneath the panel, and one for
mounting it above the equipment panel. See
Panel Seal Gaskets.
The contact system is internally sealed by a
special adhesive backed sheet that holds the
domes in position on the PC board.
STANDARD LEGENDS
Colorful graphic overlays are polyester with a
tough acrylic bond to provide maximum
protection against dirt and moisture. Second
surface printed, the overlay wipes clean and
continues to look bright and bold throughout the
keyboard life. Available through distributors. For
instant custom legends, order separate blank
keyboards as indicated in the Ordering
-252
-262
88-201
88JB2, 88JC2
-143
-152
-172
Information section and choose one of the
clear window overlays below; then order a
sheet of legend inserts. Or, if you prefer, order
the keyboard custom printed by Grayhill; see
Ordering Information.
88-101
88AB2,
88AC2
88-001
88BB2,
88BC2
-052
-072
-082
Keypads
35


Similar Part No. - 88JB2-252

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
88JB2-252 GRAYHILL-88JB2-252 Datasheet
379Kb / 5P
   Sealed, Flange Mounted
More results

Similar Description - 88JB2-252

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
88-162 GRAYHILL-88-162 Datasheet
379Kb / 5P
   Sealed, Flange Mounted
86JB2-101 GRAYHILL-86JB2-101 Datasheet
1Mb / 4P
   Unsealed, .500" Centers, Flange Mounted
logo
Tyco Electronics
DMI-18A MACOM-DMI-18A Datasheet
210Kb / 2P
   Flange Mounted Double-Balanced Mixers
logo
List of Unclassifed Man...
TMF ETC2-TMF Datasheet
136Kb / 1P
   EM Clutch (with flange mounted field)
logo
Grayhill, Inc
04J-BP-T01 GRAYHILL-04J-BP-T01 Datasheet
527Kb / 1P
   Sealed against contamination when properly mounted
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
   MX150L??4 Circuit Rear Mount Flange Sealed
logo
Glenair, Inc.
IT40460-10 GLENAIR-IT40460-10 Datasheet
365Kb / 1P
   Connector Mounting Gasket for Rear-Mounted Square Flange Receptacle
IT40450-10 GLENAIR-IT40450-10 Datasheet
369Kb / 2P
   Connector Mounting Gaskets for Front-Mounted Square Flange Receptacle
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
9422TEN10 SCHNEIDER-9422TEN10 Datasheet
118Kb / 2P
   Operating mechanism, flange mounted, variable depth, 100A, 600V, no fuse, switch mechanism
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com