Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S326GYKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-S326GYKT
Description  ROHS/ Side Looking / Dual Color Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S326GYKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-S326GYKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S326GYKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings At Ta=25
°°°°C
LTST-S326GYKT
Parameter
Green
Yellow
Unit
Power Dissipation
100
60
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
120
80
mA
DC Forward Current
30
20
mA
Reverse Voltage
5
5
V
Operating Temperature Range
-30°C to + 85°C
Storage Temperature Range
-40°C to + 85°C
Infrared Soldering Condition
260°C For 10 Seconds
Part
No. : LTST-S326GYKT
Page :
2
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S326GYKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S326GYKT LITEON-LTST-S326GYKT_14 Datasheet
871Kb / 13P
   SMD LED
More results

Similar Description - LTST-S326GYKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S326KGKFKT LITEON-LTST-S326KGKFKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S326TGKRKT LITEON-LTST-S326TGKRKT_14 Datasheet
377Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S32F1KT LITEON-LTST-S32F1KT Datasheet
344Kb / 12P
   ROHS/ Side Looking Full Color Chip LED
LTST-S326KGJRKT LITEON-LTST-S326KGJRKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S327KGJRKT LITEON-LTST-S327KGJRKT Datasheet
434Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S327TBKFKT LITEON-LTST-S327TBKFKT Datasheet
370Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright InGaN/AlInGaP Chip LED
LTST-S321YKT LITEON-LTST-S321YKT Datasheet
538Kb / 12P
   ROHS/ Side Looking Chip LED
LTST-S326TBKFKT LITEON-LTST-S326TBKFKT_14 Datasheet
371Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright InGaN/AlInGaP Chip LED
LTST-S310F2KT LITEON-LTST-S310F2KT Datasheet
478Kb / 12P
   ROHS/ Side Looking Ultra Bright Chip LED/ Full Color Chip LED
LTST-S327KGKFKT LITEON-LTST-S327KGKFKT Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP/AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com