Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S321KSKT-5A Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTST-S321KSKT-5A
Description  ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S321KSKT-5A Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTST-S321KSKT-5A Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 11Page - Lite-On Technology Corporation LTST-S321KSKT-5A Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTST-S321KSKT-5A
Page :
11
of
12
BNS-OD-C131/A4
7. Reliability Test
Classification
Test Item
Test Condition
Reference Standard
Operation Life
Ta= Under Room Temperature As Per Data Sheet
Maximum Rating
*Test Time= 1000HRS (-24HRS,+72HRS).
MIL-STD-750D:1026
MIL-STD-883D:1005
JIS C 7021:B-1
High Temperature
High Humidity
Storage
IR-Reflow In-Board, 2 Times
Ta= 65±5℃,RH= 90~95%
*Test Time= 240HRS±2HRS
MIL-STD-202F:103B
JIS C 7021:B-11
High Temperature
Storage
Ta= 105±5℃
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-883D:1008
JIS C 7021:B-10
Endurance
Test
Low Temperature
Storage
Ta= -55±5℃
*Test Time=1000HRS (-24HRS,+72H RS)
JIS C 7021:B-12
Temperature
Cycling
105℃ ~ 25℃ ~ -55℃ ~ 25℃
30mins
5mins
30mins
5mins
10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1010
JIS C 7021:A-4
Thermal
Shock
IR-Reflow In-Board, 2 Times
85 ± 5℃ ~ -40℃ ± 5℃
10mins
10mins
10 Cycles
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-883D:1011
Solder
Resistance
T.sol= 260 ± 5℃
Dwell Time= 10 ± 1secs
MIL-STD-202F:210A
MIL-STD-750D:2031
JIS C 7021:A-1
IR-Reflow
Pb Free Process
Ramp-up rate(217
to Peak) +3
/ se
cond max
Temp. maintain above 217
60
-150 seconds
Peak temperature range 260
+0/
-5℃
Time within 5°C of actual Peak Temperature (tp)
10~30 seconds
Ramp-down rate +6
/second max
MIL-STD-750D:2031.2
J-STD-020D
Environmental
Test
Solderability
T.sol= 235 ± 5℃
Immersion time 2±0.5 sec
Immersion rate 25±2.5 mm/sec
Coverage ≧95% of the dipped surface
MIL-STD-202F:208D
MIL-STD-750D:2026
MIL-STD-883D:2003
IEC 68 Part 2-20
JIS C 7021:A-2
8. Others
The appearance and specifications of the product may be modified for improvement without prior notice.


Similar Part No. - LTST-S321KSKT-5A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S321KSKT TO-GRACE-LTST-S321KSKT Datasheet
1,017Kb / 12P
   Meet ROHS, Green Product.
logo
Lite-On Technology Corp...
LTST-S321KSKT LITEON-LTST-S321KSKT Datasheet
792Kb / 12P
   Side Looking Chip LED with Tin Plating
More results

Similar Description - LTST-S321KSKT-5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S320KSKT LITEON-LTST-S320KSKT_14 Datasheet
487Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KFKT LITEON-LTST-S220KFKT_14 Datasheet
308Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S220TBKT LITEON-LTST-S220TBKT_14 Datasheet
311Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S326KFKGKT LITEON-LTST-S326KFKGKT Datasheet
433Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S322KFKT LITEON-LTST-S322KFKT Datasheet
570Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KGKT LITEON-LTST-S220KGKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S220KSKT LITEON-LTST-S220KSKT_14 Datasheet
323Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com