Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL3220A270X Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL3220A270X
Description  Meta lOxide Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL3220A270X Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  RL3220A270X Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL3220A270X Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL3220A270X Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL3220A270X Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL3220A270X Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
RuiLongYuan Electronics Co., Ltd.
· Reproducing and modifying information of the document is prohibited without permission from
Ruilongyuan International Inc.
· Ruilongyuan International Inc. reserves the rights to make changes of the content herein the document anytime
without notification. Please refer to our website for the latest document.
· Ruilongyuan International Inc. disclaims any and all liability arising out of the application or use of any product
including damages incidentally and consequentially occurred.
· Ruilongyuan International Inc. does not assume any and all implied warranties, including warranties of fitness
for particular purpose, non-infringement and merchantability.
· Applications shown on the herein document are examples of standard use and operation. Customers are responsible
in comprehending the suitable use in particular applications.Ruilongyuan International Inc. makes no representation or
warranty that such applications will be suitable for the specifed use without further testing or modifcation.
· The products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to
human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation
equipment,aerospace machinery et cetera. Customers using or selling these products for use in such applications do so at
their own risk and agree to fullyindemnify Ruilongyuan International Inc. for any damages resulting from such improper use or
sale.
Tel: +86-755-8290 8296
Fax: +86-755-8290 8002
E-mail: jack@ruilon.com


Similar Part No. - RL3220A270X

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL320A RECTRON-RL320A Datasheet
179Kb / 3P
   SIDACTOR
logo
List of Unclassifed Man...
RL3264 ETC-RL3264 Datasheet
1Mb / 2P
   Low resistance chip resistors (short side terminal)
RL3264-6-R002-FN ETC2-RL3264-6-R002-FN Datasheet
165Kb / 6P
   RP series, RPH series,high-power metal film chip resistors
logo
Delta Electronics, Inc.
RL32646C-R003-F DELTA-RL32646C-R003-F Datasheet
94Kb / 7P
   1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
RL32646C-R003-G DELTA-RL32646C-R003-G Datasheet
94Kb / 7P
   1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
More results

Similar Description - RL3220A270X

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL0603A RUILON-RL0603A Datasheet
609Kb / 5P
   Meta lOxide Varistors
RL0402E RUILON-RL0402E Datasheet
922Kb / 7P
   Meta lOxide Varistors
RL0603E RUILON-RL0603E Datasheet
927Kb / 7P
   Meta lOxide Varistors
RL0805A RUILON-RL0805A Datasheet
614Kb / 5P
   Meta lOxide Varistors
RL2220A RUILON-RL2220A Datasheet
635Kb / 5P
   Meta lOxide Varistors
logo
MKS Instruments.
179C MKS-179C Datasheet
238Kb / 4P
   All-Meta l Mass-Flo Meter
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com