Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0603E005M015K Datasheet(PDF) 6 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL0603E005M015K
Description  Meta lOxide Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL0603E005M015K Datasheet(HTML) 6 Page - Ruilongyuan Electronics Co.,Ltd

  RL0603E005M015K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL0603E005M015K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL0603E005M015K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL0603E005M015K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL0603E005M015K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RL0603E005M015K Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RL0603E005M015K Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Circuit Protection
System
Page:5
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Metal Oxide Varistors - RL0603E Series
LOPIVA
16G05D
b
a
c
0
50
100
150
200
250
300
Time [sec]
a
b
c
d
Solder
Solder
Solder
Solder Iron
Iron
Iron
Iron
400+/
400+/
400+/
400+/----5555 deg.
deg.
deg.
deg. C,
C,
C,
C, max
max
max
max 5sec
5sec
5sec
5sec
PCB
Solder
Terminal Electrode
Solder pad
To prevent a defective crack from thermal shock due to solder iron, the end of
iron-tip must be located on between terminal electrode and solder pad
Packing specifications
Code
Land Dimension with Chip Size [mm]
0201
0402
0603
0805
a
0.20~0.35
0.30~0.50
0.60~0.70
0.60~0.70
b
0.25~0.40
0.40~0.60
0.60~0.80
0.80~1.10
c
0.25~0.40
0.30~0.50
0.60~0.80
1.00~1.20
Zone
temp. range [deg. C]
time [sec]
Remark
a
Curing
RT ~ 130
60
* Solder : Sn-Ag-Cu
* 260deg. C, over 10sec
b
Preheat
max 220
90 ~ 150
c
Soldering
220 ~ 260 [max 270]
90 ~ 150
d
Cooling
220 ~ RT
min 60
1) Land Pattern Design
2) Reflow Soldering
3) Soldering Iron


Similar Part No. - RL0603E005M015K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0603 ETC1-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0603 YAGEO-RL0603 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL0603 YAGEO-RL0603 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
ULTRA LEVEL TECH CO., L...
RL0603 ULC-RL0603 Datasheet
338Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Delta Electronics, Inc.
RL0603-C-R070F DELTA-RL0603-C-R070F Datasheet
160Kb / 7P
   1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0603E005M015K

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL0603A RUILON-RL0603A Datasheet
609Kb / 5P
   Meta lOxide Varistors
RL0402E RUILON-RL0402E Datasheet
922Kb / 7P
   Meta lOxide Varistors
RL3220A RUILON-RL3220A Datasheet
641Kb / 5P
   Meta lOxide Varistors
RL0805A RUILON-RL0805A Datasheet
614Kb / 5P
   Meta lOxide Varistors
RL2220A RUILON-RL2220A Datasheet
635Kb / 5P
   Meta lOxide Varistors
logo
MKS Instruments.
179C MKS-179C Datasheet
238Kb / 4P
   All-Meta l Mass-Flo Meter
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com