Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S310F2KT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTST-S310F2KT
Description  ROHS/ Side Looking Ultra Bright Chip LED/ Full Color Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S310F2KT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTST-S310F2KT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S310F2KT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Meet ROHS.
* Full Color Chip LED.
* Side Looking Ultra Bright Chip LED.
* Package in 8mm tape on 7" diameter reels.
* Compatible with automatic placement equipment.
* Compatible with infrared reflow solder process.
* EIA STD package.
* I.C. compatible.
Package
Dimensions
Part no.
Lens
Source Color
Pin Assignment
AlInGaP Red
1
InGaN Green
2
LTST-S310F2KT
Water Clear
InGaN Blue
3
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part
No. : LTST-S310F2KT
Page :
1
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-S310F2KT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S310F2KT LITEON-LTST-S310F2KT_14 Datasheet
830Kb / 13P
   SMD LED
More results

Similar Description - LTST-S310F2KT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S32F1KT LITEON-LTST-S32F1KT Datasheet
344Kb / 12P
   ROHS/ Side Looking Full Color Chip LED
LTST-S326KGJRKT LITEON-LTST-S326KGJRKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S327KGJRKT LITEON-LTST-S327KGJRKT Datasheet
434Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S320ZBKT-5A LITEON-LTST-S320ZBKT-5A_14 Datasheet
416Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
LTST-S321TGKT LITEON-LTST-S321TGKT Datasheet
745Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
LTST-S270KGKT LITEON-LTST-S270KGKT_14 Datasheet
404Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com