Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIQ67MS-1 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MIQ67MS-1
Description  I/Q Mixer / Modulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MIQ67MS-1 Datasheet(HTML) 1 Page - API Technologies Corp

  MIQ67MS-1 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
I/Q Mixer / Modulator
Communications Band
LO (GHz)
7.0-12.7
5.5-13.5
9.5-12.7
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
RF (GHz)
7.0-12.7
5.5-13.5
9.5-12.7
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
5.5-13.5
IF (MHz)
DC-500
DC-500
DC-500
DC-500
DC-500
DC-500
DC-500
DC-500
DC-500
Min
20 dB
16 dB
20 dB
25 dB
Typical
5.0 dB
5.3 dB
28 dB
25 dB
0.2 dB
5 deg
25 dB
35 dB
28 dB
40 dB
+5 dBm
+8 dBm
+12 dBm
+14 dBm
+17 dBm
+21 dBm
+10 dBm
+13 dBm
+17 dBm
Max
6.5 dB
7.0 dB
MIQ64
MIQ66
MIQ67
MIQ64
MIQ66
MIQ67
MIQ64
MIQ66
MIQ67
Conditions
Electrical Specifications (1)
:
Parameter
SSB Conversion
loss:(2) (3)
Image Rejection Side-
band Suppression:(4)
Amplitude Match
Phase Match
Isolation
LO to RF:
LO to I/Q:
RF to I/Q:
I/Q to RF:
Input 1 dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:(5)
Model MIQ6xMS-1
RF 5.5 to 13.5 GHz
Typical Performance at 25˚C
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the
nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C. Conversion
loss is the combined value.
4. Measured with an IF quadrature hybrid whose amplitude and phase errors are 0.5 dB and 3 degrees maximum.
An IF quadrature hybrid is not included.
5. Usable LO drives are up to 2 dB below to 3 dB above nominal.
6. See Application notes M112, for aid in selecting the outline and for mounting and installation information.
LO Power
4 = +10 dBm
6 = +13 dBm
7 = +17 dBm
All dimensions are in inches and [mm].
Outline: MSQ7
MIQ6xMS-1
Specifications
Model MIQ6xMS-1
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
REV B
2/11/11
DC-500
8 = +22 dBm
+22 dBm
MIQ68
+15 dBm
MIQ68
+25 dBm
MIQ68


Similar Part No. - MIQ67MS-1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MIQ67SMD-1 APITECH-MIQ67SMD-1 Datasheet
635Kb / 1P
   I/Q Mixer / Modulator
More results

Similar Description - MIQ67MS-1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MIQ3XMS-3 APITECH-MIQ3XMS-3 Datasheet
94Kb / 1P
   I/Q Mixer / Modulator
MIQ5XMS-1 APITECH-MIQ5XMS-1 Datasheet
653Kb / 1P
   I/Q Mixer / Modulator
MIQ5XSMD-1 APITECH-MIQ5XSMD-1 Datasheet
622Kb / 1P
   I/Q Mixer / Modulator
logo
Spectrum Microwave, Inc...
MIQ2XMS-2 SPECTRUM-MIQ2XMS-2 Datasheet
587Kb / 1P
   I/Q Mixer / Modulator
MIQ5XMS-1 SPECTRUM-MIQ5XMS-1 Datasheet
622Kb / 1P
   I/Q Mixer / Modulator
MIQ5XSMD-1 SPECTRUM-MIQ5XSMD-1 Datasheet
590Kb / 1P
   I/Q Mixer / Modulator
MIQ6XSMD-1 SPECTRUM-MIQ6XSMD-1 Datasheet
691Kb / 1P
   I/Q Mixer / Modulator
logo
API Technologies Corp
MIQ6XSMD-1 APITECH-MIQ6XSMD-1 Datasheet
635Kb / 1P
   I/Q Mixer / Modulator
MIQ2XMS-2 APITECH-MIQ2XMS-2 Datasheet
633Kb / 1P
   I/Q Mixer / Modulator
MIQ2XMS-1 APITECH-MIQ2XMS-1 Datasheet
669Kb / 1P
   I/Q Mixer / Modulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com