Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-008BGEW Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTST-008BGEW
Description  ROHS/ Package in 12 mm tape on 7??diameter reels
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008BGEW Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTST-008BGEW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 9Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 10Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 11Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 12Page - Lite-On Technology Corporation LTST-008BGEW Datasheet HTML 13Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
User Guide
Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If cleaning is necessary, immerse the LED in ethyl alcohol or isopropyl alcohol at
normal temperature for less one minute.
Recommend Printed Circuit Board Attachment Pad
Infrared / vapor phase
Reflow Soldering
Package Dimensions of Tape
Note:
1.All dimensions are in millimeters (inches).
Part No. : LTST-008BGEW
Page :
9
of
14
BNS-OD-C131/A4


Similar Part No. - LTST-008BGEW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-008EGSW LITEON-LTST-008EGSW Datasheet
452Kb / 13P
   SMD LED
LTST-008GEBW LITEON-LTST-008GEBW Datasheet
597Kb / 12P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008GEBW-P1 LITEON-LTST-008GEBW-P1 Datasheet
439Kb / 12P
   SMD LED
LTST-008GEBW-PX LITEON-LTST-008GEBW-PX Datasheet
536Kb / 13P
   SMD LED
LTST-008TGVFWT LITEON-LTST-008TGVFWT Datasheet
459Kb / 13P
   SMD LED
More results

Similar Description - LTST-008BGEW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-020KSKT LITEON-LTST-020KSKT Datasheet
670Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010KSKT LITEON-LTST-010KSKT Datasheet
453Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010TGKT LITEON-LTST-010TGKT Datasheet
759Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-008GEBW LITEON-LTST-008GEBW Datasheet
597Kb / 12P
   ROHS/ Package in 12 mm tape on 7??diameter reels
LTST-010KFKT LITEON-LTST-010KFKT Datasheet
463Kb / 11P
   ROHS/ Package in 12 mm tape on 7??diameter reels.
LTST-108KRKT LITEON-LTST-108KRKT Datasheet
667Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C155GYKT LITEON-LTST-C155GYKT_14 Datasheet
537Kb / 10P
   ROHS/ Package In 8mm Tape On 7" Diameter Reels
LTST-108TGKT LITEON-LTST-108TGKT Datasheet
656Kb / 11P
   ROHS/ Package in 8mm tape on 7??diameter reels
LTST-C190GKT LITEON-LTST-C190GKT Datasheet
344Kb / 9P
   Package in 8mm tape on 7 diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-089E2CG-A TO-GRACE-LTW-089E2CG-A Datasheet
964Kb / 13P
   Package in 8mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com