Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BV301D18006 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BV301D18006
Description  UL & VDE CERTIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BV301D18006 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BV301D18006 Datasheet HTML 1Page - List of Unclassifed Manufacturers BV301D18006 Datasheet HTML 2Page - List of Unclassifed Manufacturers BV301D18006 Datasheet HTML 3Page - List of Unclassifed Manufacturers BV301D18006 Datasheet HTML 4Page - List of Unclassifed Manufacturers BV301D18006 Datasheet HTML 5Page - List of Unclassifed Manufacturers BV301D18006 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ZETTLER
Magnetics, Inc.
75 COLUMBIA • ALISO VIEJO, CA 92656 • 949-360-5838 • FAX 949-360-5839
WEB SITE: HTTP://WWW.ZETTLERMAGNETICS.COM • E-MAIL: SALES@ZETTLERMAGNETICS.COM
UL & VDE CERTIFICATION
SMALL PHYSICAL FOOTPRINT
ENVIRONMENTALLY PROTECTED
COST EFFECTIVE DESIGN OPTION
INPUT 115V OR 230V / SINGLE AND DUAL OUTPUT
SPLIT BOBBIN DESIGN – ISOLATED PRIMARY
AND SECONDARY WINDINGS
SELF-EXTINGUISHING PLASTICS UL94V-0
DIELECTRIC STRENGTH 4200Vrms
INHERENTLY ENERGY LIMITED
RESIN CLASS B IEC 85, VACUUM SEALED
CONFORMS TO EN 61558 AND EN 60950
100% PRODUCTION TESTED
SEALED POWER TRANFORMERS
BV SERIES EI30 0.6VA – 2.8VA
FEATURES
OUTLINE DIMENSIONS
10,0±0.2
20,0±0.20
32.8
9
20,0±0.20
27.80
5
5,0±0.20
7
6
15.40
5.00±0.50
Input
Input
10,0±0.2
32.8
20,0±0.20
20,0±0.20
27.80
1
5
5,0±0.2
10
7
1
5
9
7
Ø0,8 TYP.
6
7
5
1
9
10
9
1
Dual outputs
Single output
Dual outputs
Single output
SCHEMATIC DIAGRAM:
1
5
1
9
7
Input
Output
6
5
1
Output
Input
9
7
Dual outputs
Single output
WIRING DIAGRAM:
MECHANICAL DATA:


Similar Part No. - BV301D18006

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
BV301D18006 ZETTLER-BV301D18006 Datasheet
127Kb / 6P
   SEALED POWER TRANFORMERS BV SERIES EI30 0.6VA . 2.8VA
More results

Similar Description - BV301D18006

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
WGM110 SILABS-WGM110 Datasheet
1Mb / 47P
   Modular certification
logo
HB Electronic Component...
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
logo
API Delevan
6443-010 API-6443-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
6444R-010 API-6444R-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
logo
PHOENIX CONTACT
1212203 PHOENIX-1212203 Datasheet
51Kb / 2P
   Tool - UNIFOX-CE VDE
logo
API Delevan
6444-010 API-6444-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
logo
PHOENIX CONTACT
1205163 PHOENIX-1205163 Datasheet
60Kb / 3P
   Screwdriver - SZK PH2 VDE
1212363 PHOENIX-1212363 Datasheet
52Kb / 2P
   Tool - UNIFOX-F VDE
1212202 PHOENIX-1212202 Datasheet
47Kb / 3P
   Tool - UNIFOX-C VDE
1212205 PHOENIX-1212205 Datasheet
47Kb / 3P
   Tool - UNIFOX-PC VDE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com