Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BV301D06006 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BV301D06006
Description  UL & VDE CERTIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BV301D06006 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BV301D06006 Datasheet HTML 1Page - List of Unclassifed Manufacturers BV301D06006 Datasheet HTML 2Page - List of Unclassifed Manufacturers BV301D06006 Datasheet HTML 3Page - List of Unclassifed Manufacturers BV301D06006 Datasheet HTML 4Page - List of Unclassifed Manufacturers BV301D06006 Datasheet HTML 5Page - List of Unclassifed Manufacturers BV301D06006 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
BV301S18020
BV302S18020
18±10%
111
30.8
2
27.4 MAX
BV301S24020
BV302S24020
24±10%
83
41.4
2
27.4 MAX
BV301D06020
BV302D06020
6±10%
6±15%
2×167
2×10.4
2
27.4 MAX
BV301D09020
BV302D09020
9±10%
9±15%
2×111
2×15.4
2
27.4 MAX
BV301D12020
BV302D12020
12±10%
12±15%
2×83
2×20.7
2
27.4 MAX
BV301D15020
BV302D15020
15±10%
15±15%
2×67
2×25.0
2
27.4 MAX
BV301D18020*
BV302D18020*
18±10%
18±15%
2×56
2×30.8
2
27.4 MAX
BV301D24020*
BV302D24020*
24±10%
24±15%
2×42
2×41.4
2
27.4 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated
Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06023
BV302S06023
6±10%
383
10.5
2.3
29.8 MAX
BV301S09023
BV302S09023
9±10%
256
15.7
2.3
29.8 MAX
BV301S12023
BV302S12023
12±10%
192
21
2.3
29.8 MAX
BV301S15023
BV302S15023
15±10%
153
25.9
2.3
29.8 MAX
BV301S18023
BV302S18023
18±10%
128
31.4
2.3
29.8 MAX
BV301S24023
BV302S24023
24±10%
96
41.9
2.3
29.8 MAX
BV301D06023
BV302D06023
6±10%
6±15%
2×192
2×10.5
2.3
29.8 MAX
BV301D09023
BV302D09023
9±10%
9±15%
2×128
2×15.7
2.3
29.8 MAX
BV301D12023
BV302D12023
12±10%
12±15%
2×96
2×21
2.3
29.8 MAX
BV301D15023
BV302D15023
15±10%
15±15%
2×77
2×25.9
2.3
29.8 MAX
BV301D18023*
BV302D18023*
18±10%
18±15%
2×64
2×31.4
2.3
29.8 MAX
BV301D24023*
BV302D24023*
24±10%
24±15%
2×48
2×41.9
2.3
29.8 MAX
Part Number
Part Number
Secondary
Secondary
No-load
Rated
Power
Dimension
(Input:115V)
(Input:230V)
Voltage
current
Voltage
(VA)
H(mm)
  
  
(V)
(mA)
(Vmax)
  
  
BV301S06024
BV302S06024
6±10%
400
10.5
2.4
27.4 MAX
BV301S09024
BV302S09024
9±10%
267
15.5
2.4
27.4 MAX
BV301S12024
BV302S12024
12±10%
200
21
2.4
27.4 MAX
BV301S15024
BV302S15024
15±10%
160
25.3
2.4
27.4 MAX
BV301S18024
BV302S18024
18±10%
133
31
2.4
27.4 MAX
BV301S24024
BV302S24024
24±10%
100
42
2.4
27.4 MAX
BV301D06024
BV302D06024
6±10%
6±15%
2×200
2×10.5
2.4
27.4 MAX
BV301D09024
BV302D09024
9±10%
9±15%
2×133
2×15.5
2.4
27.4 MAX
BV301D12024
BV302D12024
12±10%
12±15%
2×100
2×21
2.4
27.4 MAX
BV301D15024
BV302D15024
15±10%
15±15%
2×80
2×25.3
2.4
27.4 MAX
BV301D18024*
BV302D18024*
18±10%
18±15%
2×67
2×21
2.4
27.4 MAX
EI30-18.0 SERIES 2.3 VA
EI30-18.0 SERIES 2.4 VA


Similar Part No. - BV301D06006

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
BV301D06006 ZETTLER-BV301D06006 Datasheet
127Kb / 6P
   SEALED POWER TRANFORMERS BV SERIES EI30 0.6VA . 2.8VA
More results

Similar Description - BV301D06006

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
WGM110 SILABS-WGM110 Datasheet
1Mb / 47P
   Modular certification
logo
HB Electronic Component...
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
logo
API Delevan
6443-010 API-6443-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
6444R-010 API-6444R-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
logo
PHOENIX CONTACT
1212203 PHOENIX-1212203 Datasheet
51Kb / 2P
   Tool - UNIFOX-CE VDE
logo
API Delevan
6444-010 API-6444-010 Datasheet
1Mb / 1P
   VDE PC Mount Transformers
logo
PHOENIX CONTACT
1205163 PHOENIX-1205163 Datasheet
60Kb / 3P
   Screwdriver - SZK PH2 VDE
1212363 PHOENIX-1212363 Datasheet
52Kb / 2P
   Tool - UNIFOX-F VDE
1212202 PHOENIX-1212202 Datasheet
47Kb / 3P
   Tool - UNIFOX-C VDE
1212205 PHOENIX-1212205 Datasheet
47Kb / 3P
   Tool - UNIFOX-PC VDE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com