Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIA30N60BP Datasheet(PDF) 5 Page - SemiHow Co.,Ltd.

Part # HIA30N60BP
Description  600V PT IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HIA30N60BP Datasheet(HTML) 5 Page - SemiHow Co.,Ltd.

  HIA30N60BP Datasheet HTML 1Page - SemiHow Co.,Ltd. HIA30N60BP Datasheet HTML 2Page - SemiHow Co.,Ltd. HIA30N60BP Datasheet HTML 3Page - SemiHow Co.,Ltd. HIA30N60BP Datasheet HTML 4Page - SemiHow Co.,Ltd. HIA30N60BP Datasheet HTML 5Page - SemiHow Co.,Ltd. HIA30N60BP Datasheet HTML 6Page - SemiHow Co.,Ltd. HIA30N60BP Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Characteristics


Similar Part No. - HIA30N60BP

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HIA105 HITRON-HIA105 Datasheet
349Kb / 2P
   AUTO-RANGING INPUT AC-DC GAME USE TRIPLE OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIA105-30 HITRON-HIA105-30 Datasheet
349Kb / 2P
   AUTO-RANGING INPUT AC-DC GAME USE TRIPLE OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIA105-31 HITRON-HIA105-31 Datasheet
349Kb / 2P
   AUTO-RANGING INPUT AC-DC GAME USE TRIPLE OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIA105-32 HITRON-HIA105-32 Datasheet
349Kb / 2P
   AUTO-RANGING INPUT AC-DC GAME USE TRIPLE OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIA105-33 HITRON-HIA105-33 Datasheet
349Kb / 2P
   AUTO-RANGING INPUT AC-DC GAME USE TRIPLE OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HIA30N60BP

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HIA20N60BP SEMIHOW-HIA20N60BP Datasheet
664Kb / 7P
   600V PT IGBT
HIH20N60BP SEMIHOW-HIH20N60BP Datasheet
644Kb / 7P
   600V PT IGBT
HIH30N60BP SEMIHOW-HIH30N60BP Datasheet
643Kb / 7P
   600V PT IGBT
logo
Microsemi Corporation
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
APT35GA90B MICROSEMI-APT35GA90B Datasheet
216Kb / 6P
   High Speed PT IGBT
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
244Kb / 9P
   High Speed PT IGBT
APT80GA60LD40 MICROSEMI-APT80GA60LD40 Datasheet
248Kb / 9P
   High Speed PT IGBT
APT80GA90B MICROSEMI-APT80GA90B Datasheet
220Kb / 6P
   High Speed PT IGBT
logo
Fairchild Semiconductor
SGF23N60UFTU FAIRCHILD-SGF23N60UFTU Datasheet
277Kb / 7P
   600 V PT IGBT
logo
Microsemi Corporation
APT28GA60K MICROSEMI-APT28GA60K Datasheet
214Kb / 6P
   High Speed PT IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com