Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6576 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # 2N6576
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N6576 Datasheet(HTML) 1 Page - Savantic, Inc.

  2N6576 Datasheet HTML 1Page - Savantic, Inc. 2N6576 Datasheet HTML 2Page - Savantic, Inc. 2N6576 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N6576 2N6577 2N6578
DESCRIPTION
·With TO-3 package
·DARLINGTON
·
High DC current gain
APPLICATIONS
·Power switching
·Audio amplifiers
·Hammer drivers
·Series and shunt regulators
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta= )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N6576
60
2N6577
90
VCBO
Collector-base voltage
2N6578
Open emitter
120
V
2N6576
60
2N6577
90
VCEO
Collector-emitter voltage
2N6578
Open base
120
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
15
A
ICM
Collector current-peak
30
A
IB
Base current
0.25
A
PD
Total Power Dissipation
TC=25
120
W
Tj
Junction temperature
200
Tstg
Storage temperature
-65~200
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N6576

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N6576 GE-2N6576 Datasheet
209Kb / 5P
   15 AMPERE NPN DARLINGTON POWER TRAN
logo
New Jersey Semi-Conduct...
2N6576 NJSEMI-2N6576 Datasheet
73Kb / 2P
   NPN SILICON POWER DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
2N6576 CENTRAL-2N6576 Datasheet
92Kb / 2P
   NPN SILICON POWER DARLINGTON TRANSISTOR
logo
Quanzhou Jinmei Electro...
2N6576 JMNIC-2N6576 Datasheet
158Kb / 3P
   Silicon NPN Power Transistors
logo
Central Semiconductor C...
2N6576 CENTRAL-2N6576 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
More results

Similar Description - 2N6576

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com