Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6546 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N6546
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N6546 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N6546 Datasheet HTML 1Page - Savantic, Inc. 2N6546 Datasheet HTML 2Page - Savantic, Inc. 2N6546 Datasheet HTML 3Page - Savantic, Inc. 2N6546 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6546 2N6547
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6546
300
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6547
IC=100mA ; IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=10A; IB=2A
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A; IB=3A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=10A ;IB=2A
1.6
V
2N6546
VCE=650V; VBE(off)=1.5V
TC=100
1.0
4.0
mA
ICEV
Collector cut-off current
2N6547
VCE=850V ;VBE(off)=1.5V
TC=100
1.0
4.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
1.0
mA
hFE-1
DC current gain
IC=5A ; VCE=2V
12
60
hFE-2
DC current gain
IC=10A ; VCE=2V
6
30
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
6
35
MHz
Switching times
td
Delay time
0.05
µs
tr
Rise time
1.0
µs
tstg
Storage time
4.0
µs
tf
Fall time
IC=10A; IB1=-IB2=2.0A
VCC=250V; tp=0.1ms;
Duty CycleD2.0%
0.8
µs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance from junction to case
1.0
/W


Similar Part No. - 2N6546

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
   POWER TRANSISTORS(15A,175W)
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6546 MICROSEMI-2N6546 Datasheet
65Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6546 CENTRAL-2N6546 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
Savantic, Inc.
2N6546 SAVANTIC-2N6546 Datasheet
157Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6546

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com