Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS260 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS260
Description  DUAL 5-INPUT NOR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS260 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS260 Datasheet HTML 1Page - Motorola, Inc 74LS260 Datasheet HTML 2Page - Motorola, Inc 74LS260 Datasheet HTML 3Page - Motorola, Inc 74LS260 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5-440
FAST AND LS TTL DATA
SN54/74LS260
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
–20
– 100
mA
VCC = MAX
ICC
Power Supply Current
Total, Output HIGH
4.0
mA
VCC = MAX
ICC
Total, Output HIGH
Total, Output LOW
5.5
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
Turn-Off Delay, Input to Output
5.0
15
ns
VCC = 5.0 V
CL = 15 pF
tPHL
Turn-On Delay, Input to Output
6.0
15
ns
VCC = 5.0 V
CL = 15 pF


Similar Part No. - 74LS260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS266 TI-74LS266 Datasheet
465Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
74LS266 FAIRCHILD-74LS266 Datasheet
45Kb / 4P
   Quad 2-Input Exclusive-NOR Gate with Open-Collector Outputs
logo
Hitachi Semiconductor
74LS266 HITACHI-74LS266 Datasheet
46Kb / 5P
   Quadruple 2-input Exclusive-NOR Gates(with open collector outputs)
More results

Similar Description - 74LS260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F260 PHILIPS-74F260 Datasheet
68Kb / 8P
   Dual 5-input NOR gate
1988 Nov 29
logo
National Semiconductor ...
DM54LS260 NSC-DM54LS260 Datasheet
124Kb / 6P
   Dual 5-Input NOR Gate
54LS26 NSC-54LS26 Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
logo
List of Unclassifed Man...
T74LS260B1 ETC-T74LS260B1 Datasheet
106Kb / 3P
   DUAL 5 INPUT NOR GATE
logo
Texas Instruments
SN74F260 TI-SN74F260 Datasheet
44Kb / 3P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
SN74F260 TI1-SN74F260_14 Datasheet
554Kb / 10P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
logo
ON Semiconductor
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
   Dual 4-5- Input OR/NOR Gate
1996 REV 5
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
   Dual 4-5-Input OR/NOR Gate
1996 REV 5
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com