Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCCE-060X152 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LCCE-060X152
Description  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-060X152 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-060X152 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-060X152 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
60 W
-20 to +60℃@full load
Range:47-63Hz, Normal:50-60Hz
1.425
88%
3000ms at full load 115VAC/230VAC
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
131 * 58 * 39.4 mm 【5.16 * 2.28 * 1.55 inch】
10
DIMENSIONS(L*W*H)
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
SHORT CIRCUIT PROTECTION
SAFETY
RELATIVE HUMIDITY
OVER TEMP. PROTECTION
Module : LCCE-060 152
◆ AC Input 90~305Vac
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Safety: PSE
◆ ROHS Compliant
FEATURES
◆ EMC: Meet CE
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 131 * 58 * 39.4 mm
◆ Protection: SCP / OTP / OVP
-40 to +80℃
STORAGE TEMPERATURE
OVER V, PROTECTION
SCP, OTP, OVP will restart automatically after the fault condition is removed
LEAKAGE CURRENT
INPUT VOLTAGE RANGE
INPUT FREQUENCY
◆ Dimension (L*W*H): 5.16 * 2.28 * 1.55 inch
EFFICIENCY(typ @Full Load)
PRESET ACCURACY (%) *(7)
O/P NOISE (P-P, V) *(3)
*(8)
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
DC OUTPUT VOLTAGE RANGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT RANGE (A) *(5)
TURN ON DELAY TIME
Model NO.
Part NO.
Constant Current Power Supply
131 * 58 * 39.4 mm 【5.16 * 2.28 * 1.55 inch】
LCCE-060 152
PLCCE0060 152
Model Name
SIZE
min.
norm.
max.
LCCE-060 152
30
40
5
1.575
4
Meet CE EN55015
90-305VAC, 127-431VDC, Normal:100-277VAC
COLD START 45A @ 230VAC
0.8A/100VAC 0.3A/277VAC
<0.7mA/132VAC
0.03% / ℃ (0-50℃, typ)
PSE
10 to +95%
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - LCCE-060X152

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-060X132 LINKCOM-LCCE-060X132 Datasheet
697Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X172 LINKCOM-LCCE-060X172 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results

Similar Description - LCCE-060X152

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X240 LINKCOM-LCCH-080X240 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X132 LINKCOM-LCCE-045X132 Datasheet
203Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-017X501 LINKCOM-LCCE-017X501 Datasheet
105Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-052X132 LINKCOM-LCCE-052X132 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com