Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN5397G Datasheet(PDF) 2 Page - Bytes

Part # IN5397G
Description  1.5 AMP GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

IN5397G Datasheet(HTML) 2 Page - Bytes

  IN5397G Datasheet HTML 1Page - Bytes IN5397G Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (IN5391G THRU IN5399G)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
0.3
0
0.6
0.9
1.2
1.5
1.8
0
20
40
60
80
100
120
140
160
180
200
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
.01
10
50
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0 1.1 1.2 1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
FIG.1-TYPICAL FORWARD
AMBIENT TEMPERATURE,( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - IN5397G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IN5397G ETC2-IN5397G Datasheet
154Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Similar Description - IN5397G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
RL151G FORMOSA-RL151G Datasheet
32Kb / 2P
   1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
Bytes
RL151G BYTES-RL151G Datasheet
151Kb / 2P
   1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
UNIOHM CORPORATION
RL151G UNIOHM-RL151G Datasheet
65Kb / 2P
   1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
Goodwork Semiconductor ...
RL151G GWSEMI-RL151G Datasheet
64Kb / 2P
   1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
GPZ15A FCI-GPZ15A Datasheet
144Kb / 2P
   1.5 Amp Glass Passivated Sintered Rectifiers
logo
Formosa MS
FR151G FORMOSA-FR151G Datasheet
33Kb / 2P
   1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
First Components Intern...
FR150G FCI-FR150G Datasheet
134Kb / 2P
   1.5 Amp FAST RECOVERY Glass Passivated Rectifiers
logo
Goodwork Semiconductor ...
FR151G GWSEMI-FR151G Datasheet
67Kb / 2P
   1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER151G LUGUANG-HER151G Datasheet
1Mb / 2P
   1.5 AMP. Glass Passivated High Efficient Rectifiers
logo
UNIOHM CORPORATION
FR151G UNIOHM-FR151G Datasheet
66Kb / 2P
   1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com