Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE27A Datasheet(PDF) 4 Page - Bytes

Part # 1.5KE27A
Description  1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

1.5KE27A Datasheet(HTML) 4 Page - Bytes

  1.5KE27A Datasheet HTML 1Page - Bytes 1.5KE27A Datasheet HTML 2Page - Bytes 1.5KE27A Datasheet HTML 3Page - Bytes 1.5KE27A Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1500 Watt Axial Lead TVS
UNI
REVERSE
BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
DIRECTIONAL STAND-OFF
VOLTAGE
VOLTAGE
CURRENT CLAMPING
PULSE
LEAKAGE
PART
VOLTAGE
VBR (V)
VRB (V)
IT
VOLTAGE
CURRENT
@ VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
µ
1.5KE82
66.40
73.80
90.20
1
118.0
12.9
5
1.5KE440
356.00
396.00
484.00
1
631.0
2.4
5
1.5KE170
138.00
153.00
187.00
1
244.0
6.2
5
1.5KE120
97.20
108.00
132.00
1
173.0
8.7
5
1.5KE250
202.00
225.00
275.00
1
360.0
4.2
5
1.5KE100
81.00
90.00
110.00
1
144.0
10.6
5
1.5KE200
162.00
180.00
220.00
1
287.0
5.3
5
1.5KE150
121.00
135.00
165.00
1
215.0
7.1
5
1.5KE350
284.00
315.00
385.00
1
504.0
3.0
5
1.5KE91
73.70
81.90
100.00
1
131.0
11.6
5
1.5KE180
146.00
162.00
198.00
1
258.0
5.9
5
1.5KE130
105.00
117.00
143.00
1
187.0
8.1
5
1.5KE300
243.00
270.00
330.00
1
430.0
3.5
5
1.5KE110
89.20
99.00
121.00
1
158.0
9.6
5
1.5KE220
175.00
198.00
242.00
1
344.0
4.4
5
1.5KE160
130.00
144.00
176.00
1
230.0
6.9
5
1.5KE400
324.00
360.00
440.00
1
574.0
2.6
5
1.5KE82A
70.10
77.90
86.10
1
113.0
13.5
5
1.5KE440A
376.00
418.00
462.00
1
600.0
2.5
5
1.5KE170A
145.00
162.00
179.00
1
234.0
6.5
5
1.5KE120A
102.00
114.00
126.00
1
165.0
9.2
5
1.5KE250A
214.00
237.00
263.00
1
344.0
4.4
5
1.5KE100A
85.50
95.00
105.00
1
137.0
11.1
5
1.5KE200A
171.00
190.00
210.00
1
274.0
5.5
5
1.5KE150A
128.00
143.00
158.00
1
207.0
7.3
5
1.5KE350A
300.00
332.00
368.00
1
482.0
3.2
5
1.5KE91A
77.80
86.50
95.50
1
125.0
12.2
5
1.5KE180A
154.00
171.00
189.00
1
246.0
6.2
5
1.5KE130A
111.00
124.00
137.00
1
179.0
8.5
5
1.5KE300A
256.00
285.00
315.00
1
414.0
3.7
5
1.5KE110A
94.00
105.00
116.00
1
152.0
10.0
5
1.5KE220A
185.00
209.00
231.00
1
328.0
4.6
5
1.5KE160A
136.00
152.00
168.00
1
219.0
6.9
5
1.5KE400A
342.00
380.00
420.00
1
548.0
2.8
5


Similar Part No. - 1.5KE27A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1.5KE27A UNIOHM-1.5KE27A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5KE27A TSC-1.5KE27A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Transys Electronics
1.5KE27A TRSYS-1.5KE27A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE27A RUILON-1.5KE27A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
Microsemi Corporation
1.5KE27A MICROSEMI-1.5KE27A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE27A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com