Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR155 Datasheet(PDF) 2 Page - Bytes

Part # FR155
Description  1.5 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

FR155 Datasheet(HTML) 2 Page - Bytes

  FR155 Datasheet HTML 1Page - Bytes FR155 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (FR151 THRU FR157)
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.3
0.6
0.9
1.2
1.5
1.8
70
60
50
40
30
20
10
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
0
20
40
60
80
100
120
140
160
180
200
0
FIG.1-TYPICAL FORWARD
AMBIENT TEMPERATURE,( C)
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - FR155

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR155 WTE-FR155 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR155 YIXIN-FR155 Datasheet
252Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FR155 EIC-FR155 Datasheet
55Kb / 2P
   FAST RECOVERY
logo
Micro Commercial Compon...
FR155 MCC-FR155 Datasheet
80Kb / 3P
   1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Rugao Dachang Electroni...
FR155 DACHANG-FR155 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - FR155

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR151 FORMOSA-FR151 Datasheet
33Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR153-2C1.5A-2CDO-41 DGNJDZ-FR153-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
FR154-2C1.5A-2CDO-41 DGNJDZ-FR154-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
FR155-2C1.5A-2CDO-41 DGNJDZ-FR155-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
FR151-2C1.5A-2CDO-41 DGNJDZ-FR151-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
FR157-2C1.5A-2CDO-41 DGNJDZ-FR157-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Yangzhou yangjie electr...
FR151 YANGJIE-FR151 Datasheet
458Kb / 1P
   1.5 AMP. FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR156-2C1.5A-2CDO-41 DGNJDZ-FR156-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
FR152-2C1.5A-2CDO-41 DGNJDZ-FR152-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR151 YIXIN-FR151 Datasheet
252Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com