Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTW003A0A Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # SSTW003A0A
Description  36-75Vdc Input; 5.0Vdc, 3A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW003A0A Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button SSTW003A0A Datasheet HTML 6Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 7Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 8Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 9Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 10Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 11Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 12Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 13Page - Lineage Power Corporation SSTW003A0A Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
GE
Data Sheet
SSTW003A0A Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 5.0Vdc, 3A, 15W Output
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 10
will safely fit within the allowable component spacing, is
6.5mm.
Oblong or oval nozzles up to 11 x 6 mm may also be used
within the space available.
For further information please contact your local GE Technical
Sales Representative.
Reflow Soldering Information
These power modules are large mass, low thermal
resistance devices and typically heat up slower than other
SMT components. It is recommended that the customer
review data sheets in order to customize the solder reflow
profile for each application board assembly.
The following instructions must be observed when SMT
soldering these units. Failure to observe these instructions
may result in the failure of or cause damage to the modules,
and can adversely affect long-term reliability.
There are several types of SMT reflow technologies currently
used in the industry. These surface mount power modules
can be reliably soldered using natural forced convection, IR
(radiant infrared), or a combination of convection/IR. The
recommended linear reflow profile using Sn/Pb solder is
shown in Figure 20 and 21. For reliable soldering the solder
reflow profile should be established by accurately
measuring the modules CP connector temperatures.
REFLOW TIME (S)
Figure 19. Recommended Reflow Profile for Sn/Pb solder.
TIME LIMIT (S)
Figure 20. Time Limit, Tlim, Curve Above 205oC Reflow .
Lead Free Soldering
The –Z version SMT modules of the SSTW series are lead-free
(Pb-free) and RoHS compliant and are compatible in a Pb-free
soldering process. Failure to observe the instructions below
may result in the failure of or cause damage to the modules
and can adversely affect long-term reliability.
Figure 21. Recommended linear reflow profile using
Sn/Ag/Cu solder.
MSL Rating
The SSTW001A3B series SMT modules have a MSL rating of 2a.
0
50
100
150
200
250
300
P reheat zo ne
max 4oCs-1
So ak zo ne
30-240s
Heat zo ne
max 4oCs-1
P eak Temp 235oC
Co o ling
zo ne
1-4oCs-1
T
lim above
205oC
200
205
210
215
220
225
230
235
240
0
10
203040
5060
Pe r J-STD-020 Rev. C
0
50
100
150
200
250
300
Reflow Time (Seconds)
He ating Zone
1°C/Second
Pe ak Te mp 260°C
* Min. Time Above 235°C
15 Se conds
*Time Above 217°C
60 Seconds
Cooling
Zone


Similar Part No. - SSTW003A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41SRZ LINEAGEPOWER-SSTW001A3B41SRZ Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41Z LINEAGEPOWER-SSTW001A3B41Z Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW005A0F41SRZ LINEAGEPOWER-SSTW005A0F41SRZ Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results

Similar Description - SSTW003A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
logo
List of Unclassifed Man...
SHHD003A0A ETC2-SHHD003A0A Datasheet
865Kb / 16P
   SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com